Electronic Components Datasheet Search
  English  ▼

X  

LMC6492 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6492
Description  CMOS Rail-to-Rail Input and Output Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6492 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC6492 Datasheet HTML 1Page - National Semiconductor (TI) LMC6492 Datasheet HTML 2Page - National Semiconductor (TI) LMC6492 Datasheet HTML 3Page - National Semiconductor (TI) LMC6492 Datasheet HTML 4Page - National Semiconductor (TI) LMC6492 Datasheet HTML 5Page - National Semiconductor (TI) LMC6492 Datasheet HTML 6Page - National Semiconductor (TI) LMC6492 Datasheet HTML 7Page - National Semiconductor (TI) LMC6492 Datasheet HTML 8Page - National Semiconductor (TI) LMC6492 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes
LMC6492AE
LMC6492BE
Symbol
Parameter
Conditions
Typ
LMC6494AE
LMC6494BE
Units
(Note 5)
Limit
Limit
(Note 6)
(Note 6)
SR
Slew Rate
(Note 9)
1.3
0.7
0.7
Vµs min
0.5
0.5
GBW
Gain-Bandwidth Product
V
+ = 15V
1.5
MHz
φ
m
Phase Margin
50
Deg
G
m
Gain Margin
15
dB
Amp-to-Amp Isolation
(Note 10)
150
dB
e
n
Input-Referred
F = 1 kHz
37
Voltage Noise
V
CM = 1V
i
n
Input-Referred
F = 1 kHz
0.06
Current Noise
T.H.D.
Total Harmonic
Distortion
F = 1 kHz, A
V = −2
0.01
%
R
L = 10 kΩ,VO = −4.1 VPP
F = 10 kHz, A
V = −2
R
L = 10 kΩ,VO = 8.5 VPP
0.01
V
+ = 10V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short operation at elevated ambient temperature can result in exceeding the maximum
allowed junction temperature at 150˚C. Output currents in excess of ±30 mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)
−TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 3.5V ≤ VO ≤ 7.5V.
Note 8: Do not short circuit output to V+, when V+ is greater than 13V or reliability will be adversely affected.
Note 9: V+ = 15V. Connected as voltage follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
Note 10: Input referred, V+ = 15V and RL = 100 kΩ connected to 7.5V. Each amp excited in turn with 1 kHz to produce VO = 12 VPP.
Note 11: Guaranteed limits are dictated by tester limits and not device performance. Actual performance is reflected in the typical value.
Typical Performance Characteristics V
S = +15V, Single Supply, TA = 25˚C unless otherwise
specified
Supply Current vs
Supply Voltage
DS012049-25
Input Current vs
Temperature
DS012049-26
Sourcing Current vs
Output Voltage
DS012049-27
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com