Electronic Components Datasheet Search
  English  ▼

X  

LMC6492 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6492
Description  CMOS Rail-to-Rail Input and Output Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6492 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC6492 Datasheet HTML 7Page - National Semiconductor (TI) LMC6492 Datasheet HTML 8Page - National Semiconductor (TI) LMC6492 Datasheet HTML 9Page - National Semiconductor (TI) LMC6492 Datasheet HTML 10Page - National Semiconductor (TI) LMC6492 Datasheet HTML 11Page - National Semiconductor (TI) LMC6492 Datasheet HTML 12Page - National Semiconductor (TI) LMC6492 Datasheet HTML 13Page - National Semiconductor (TI) LMC6492 Datasheet HTML 14Page - National Semiconductor (TI) LMC6492 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Typical Performance Characteristics V
S = +15V, Single Supply, TA = 25˚C unless otherwise
specified (Continued)
Application Notes
Input Common-Mode Voltage Range
Unlike Bi-FET amplifier designs, the LMC6492/4 does not
exhibit phase inversion when an input voltage exceeds the
negative supply voltage.
Figure 1 shows an input voltage ex-
ceeding both supplies with no resulting phase inversion on
the output.
The absolute maximum input voltage is 300 mV beyond ei-
ther supply rail at room temperature. Voltages greatly ex-
ceeding this absolute maximum rating, as in
Figure 2, can
cause excessive current to flow in or out of the input pins
possibly affecting reliability.
Applications that exceed this rating must externally limit the
maximum input current to ±5 mA with an input resistor (R
I)
as shown in
Figure 3.
Stability vs
Capacitive Load
DS012049-73
Stability vs
Capacitive Load
DS012049-74
Stability vs
Capacitive Load
DS012049-75
Stability vs
Capacitive Load
DS012049-76
DS012049-8
FIGURE 1. An Input Voltage Signal Exceeds the
LMC6492/4 Power Supply Voltages with
No Output Phase Inversion
DS012049-9
FIGURE 2. A ±7.5V Input Signal Greatly
Exceeds the 5V Supply in
Figure 3 Causing
No Phase Inversion Due to R
I
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com