Electronic Components Datasheet Search
  English  ▼

X  

LMC6492 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6492
Description  CMOS Rail-to-Rail Input and Output Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6492 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6492 Datasheet HTML 1Page - National Semiconductor (TI) LMC6492 Datasheet HTML 2Page - National Semiconductor (TI) LMC6492 Datasheet HTML 3Page - National Semiconductor (TI) LMC6492 Datasheet HTML 4Page - National Semiconductor (TI) LMC6492 Datasheet HTML 5Page - National Semiconductor (TI) LMC6492 Datasheet HTML 6Page - National Semiconductor (TI) LMC6492 Datasheet HTML 7Page - National Semiconductor (TI) LMC6492 Datasheet HTML 8Page - National Semiconductor (TI) LMC6492 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LMC6492 Dual/LMC6494 Quad
CMOS Rail-to-Rail Input and Output Operational
Amplifier
General Description
The LMC6492/LMC6494 amplifiers were specifically devel-
oped for single supply applications that operate from −40˚C
to +125˚C. This feature is well-suited for automotive systems
because of the wide temperature range. A unique design to-
pology enables the LMC6492/LMC6494 common-mode volt-
age range to accommodate input signals beyond the rails.
This eliminates non-linear output errors due to input signals
exceeding a traditionally limited common-mode voltage
range. The LMC6492/LMC6494 signal range has a high
CMRR of 82 dB for excellent accuracy in non-inverting circuit
configurations.
The LMC6492/LMC6494 rail-to-rail input is complemented
by rail-to-rail output swing. This assures maximum dynamic
signal range which is particularly important in 5V systems.
Ultra-low input current of 150 fA and 120 dB open loop gain
provide high accuracy and direct interfacing with high imped-
ance sources.
Features
(Typical unless otherwise noted)
n Rail-to-Rail input common-mode voltage range,
guaranteed over temperature
n Rail-to-Rail output swing within 20 mV of supply rail,
100 k
Ω load
n Operates from 5V to 15V supply
n Excellent CMRR and PSRR
82 dB
n Ultra low input current
150 fA
n High voltage gain (RL = 100 kΩ)
120 dB
n Low supply current (@ VS = 5V)
500 µA/Amplifier
n Low offset voltage drift
1.0 µV/˚C
Applications
n Automotive transducer amplifier
n Pressure sensor
n Oxygen sensor
n Temperature sensor
n Speed sensor
Connection Diagrams
8-Pin DIP/SO
DS012049-1
Top View
14-Pin DIP/SO
DS012049-2
Top View
October 1994
© 1999 National Semiconductor Corporation
DS012049
www.national.com


Similar Part No. - LMC6492

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6492 TI1-LMC6492 Datasheet
1Mb / 28P
LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6492 TI2-LMC6492 Datasheet
1Mb / 34P
LMC649x Dual and Quad, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REVISED FEBRUARY 2024
LMC6492AEM TI1-LMC6492AEM Datasheet
1Mb / 28P
LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6492AEM/NOPB TI1-LMC6492AEM/NOPB Datasheet
1Mb / 28P
LMC6492 Dual/LMC6494 Quad CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6492AEM/NOPB TI2-LMC6492AEM/NOPB Datasheet
1Mb / 34P
LMC649x Dual and Quad, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REVISED FEBRUARY 2024
More results

Similar Description - LMC6492

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
SM73306 TI1-SM73306 Datasheet
918Kb / 22P
SM73306 CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6484IMX TI-LMC6484IMX Datasheet
969Kb / 24P
LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com