Electronic Components Datasheet Search
  English  ▼

X  

THCV216 Datasheet(PDF) 13 Page - THine Electronics, Inc.

Part # THCV216
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV216 Datasheet(HTML) 13 Page - THine Electronics, Inc.

Back Button THCV216 Datasheet HTML 9Page - THine Electronics, Inc. THCV216 Datasheet HTML 10Page - THine Electronics, Inc. THCV216 Datasheet HTML 11Page - THine Electronics, Inc. THCV216 Datasheet HTML 12Page - THine Electronics, Inc. THCV216 Datasheet HTML 13Page - THine Electronics, Inc. THCV216 Datasheet HTML 14Page - THine Electronics, Inc. THCV216 Datasheet HTML 15Page - THine Electronics, Inc. THCV216 Datasheet HTML 16Page - THine Electronics, Inc. THCV216 Datasheet HTML 17Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
THine Electronics, Inc.
Security E
THCV215-216_Rev.2.70_E
Copyright(C)2016 THine Electronics, Inc.
Absolute Maximum Ratings
0F
Parameter
Min.
Typ.
Max.
Units
1.8V Supply Voltage(VDL,CAVDL,CPVDL,LPVDL)
-0.3
-
+2.1
V
3.3V Supply Voltage(LAVDH)
-0.3
-
+4.0
V
1.8V CMOS Input Voltage
-0.3
-
VDL+0.3
V
1.8V CMOS Output Voltage
-0.3
-
VDL+0.3
V
LVDS Receiver Input Voltage
-0.3
-
LAVDH+0.3 V
CML Transmitter Output Voltage
-0.3
-
CAVDL+0.3 V
Output Current
-50
-
50
mA
Storage Temperature
-55
-
+125
°C
Junction Temperature
-
-
+125
°C
Reflow Peak Temperature / Time
-
-
+260/10sec °C
Table 6. THCV215 Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
1.8V Supply Voltage(VDL,CAVDL,CPVDL0,CPVDL1)
-0.3
-
+2.1
V
3.3V Supply Voltage(LPVDH,LAVDH)
-0.3
-
+4.0
V
1.8V CMOS Input Voltage
-0.3
-
VDL+0.3
V
3.3V CMOS Input Voltage
-0.3
-
LAVDH+0.3
CMOS Output Voltage
-0.3
-
+2.1
V
CML Receiver Input Voltage
-0.3
-
CAVDL+0.3 V
LVDS Transmitter Output Voltage
-0.3
-
LAVDH+0.3 V
Output Current
-30
-
30
mA
Storage Temperature
-55
-
+125
°C
Junction Temperature
-
-
+125
°C
Reflow Peak Temperature / Time
-
-
+260/10sec °C
Maximum Power Dissipation @+25℃
-
-
2
W
Lead Temperature (Soldering, 10sec)
-
-
+260
°C
Table 7. THCV216 Absolute Maximum Ratings
Operating Conditions
Parameter
Min.
Typ.
Max.
Units
1.8V Supply Voltage(VDL,CAVDL,CPVDL,LPVDL)
1.62
1.80
1.98
V
3.3V Supply Voltage(LAVDH)
3.00
3.30
3.60
V
Operating Temperature
0
-
70
℃
Table 8. THCV215 Operating Conditions
Parameter
Min.
Typ.
Max.
Units
1.8V Supply Voltage(VDL,CAVDL,CPVDL0,CPVDL1)
except for the 12 bit color depth mode
1.62
1.80
1.98
V
1.8V Supply Voltage(VDL,CAVDL,CPVDL0,CPVDL1)
for the 12 bit color depth mode
1.71
1.80
1.89
V
3.3V Supply Voltage(LPVDH,LAVDH)
3.00
3.30
3.60
V
Operating Temperature
0
-
70
℃
Table 9. THCV216 Operating Conditions
“Absolute Maximum Ratings” are those values beyond which the safety of the device can not be guaranteed.
They are not meant to imply that the device should be operated at these limits. The tables of “Electrical
Characteristics” specify conditions for device operation.
13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com