Electronic Components Datasheet Search
  English  ▼

X  

THCV216 Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part # THCV216
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV216 Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THCV216 Datasheet HTML 2Page - THine Electronics, Inc. THCV216 Datasheet HTML 3Page - THine Electronics, Inc. THCV216 Datasheet HTML 4Page - THine Electronics, Inc. THCV216 Datasheet HTML 5Page - THine Electronics, Inc. THCV216 Datasheet HTML 6Page - THine Electronics, Inc. THCV216 Datasheet HTML 7Page - THine Electronics, Inc. THCV216 Datasheet HTML 8Page - THine Electronics, Inc. THCV216 Datasheet HTML 9Page - THine Electronics, Inc. THCV216 Datasheet HTML 10Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
THine Electronics, Inc.
Security E
THCV215-216_Rev.2.70_E
Copyright(C)2016 THine Electronics, Inc.
DE
VSYNCn
HSYNCn
Rn/Gn/Bn
CONTn
tDEH
tDEL
1 cycle
Valid Data
Valid Data
Low
Low
Valid Data
Low
High
Keep the last data
of DE=L period
THCV216
Output
Low
DE
VSYNC
HSYNC
Rn/Gn/Bn
CONTn
tDEH
tDEL
1 cycle
Valid Data
Valid Data
Invalid
Invalid
Valid Data
Low
High
Invalid
THCV215
Input
Low
n=0,1
n=0,1
Figure 3. Video and sync data transmission timing diagram
Single/Dual Link mode function (SDSEL)
SDSEL
Mode
Function
H
Single
Channel 0 active and channel 1 power down
L
Dual
Both channel 0 and channel 1 active
Table 1. Single/Dual mode select
Color Depth mode function (COL [1:0])
COL[1:0]
Color Depth
LVDS Clock Frequency Range
L,L
6bit
20MHz to 100MHz
L,H
8bit
20MHz to 100MHz
H,L
10bit
20MHz to 85MHz
H,H
12bit
20MHz to 75MHz
Table 2. Color depth mode select
6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com