Electronic Components Datasheet Search
  English  ▼

X  

THCV216 Datasheet(PDF) 18 Page - THine Electronics, Inc.

Part # THCV216
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV216 Datasheet(HTML) 18 Page - THine Electronics, Inc.

Back Button THCV216 Datasheet HTML 14Page - THine Electronics, Inc. THCV216 Datasheet HTML 15Page - THine Electronics, Inc. THCV216 Datasheet HTML 16Page - THine Electronics, Inc. THCV216 Datasheet HTML 17Page - THine Electronics, Inc. THCV216 Datasheet HTML 18Page - THine Electronics, Inc. THCV216 Datasheet HTML 19Page - THine Electronics, Inc. THCV216 Datasheet HTML 20Page - THine Electronics, Inc. THCV216 Datasheet HTML 21Page - THine Electronics, Inc. THCV216 Datasheet HTML 22Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
THine Electronics, Inc.
Security E
THCV215-216_Rev.2.70_E
Copyright(C)2016 THine Electronics, Inc.
THCV216 LVDS Output Switching Characteristics
RLxn6
Vdiff = (RLCLKn +) - (RLCLKn-)
x=A,B,C,D,E,F
n=0,1
RLxn5
RLxn4
RLxn3
RLxn2
RLxn1
RLxn0
RLxn6
RLxn5
RLxn4
RLxn3
RLxn2
RLxn1
Vdiff = (RLxn +) - (RLxn-)
tROP1
tROP0
tROP6
tROP5
tROP4
tROP3
tROP2
tTCIP
Vdiff=0V
Vdiff = (RLCLK0 +) - (RLCLK0-)
Vdiff=0V
Vdiff = (RLCLK1 +) - (RLCLK1-)
Vdiff=0V
tROSK
Figure 11. THCV216 LVDS Output Switching Timing Diagrams
RL=100Ω
5pF
20%
80%
RLxn+
RLxn-
x=A,B,C,D,E,F
n=0,1
Vdiff = (RLxn +) - (RLxn-)
tRLVT
tRLVT
Figure 12. THCV216 LVDS Output Switching Timing Diagram and Test Circuit.
18/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com