Electronic Components Datasheet Search
  English  ▼

X  

THCV216 Datasheet(PDF) 14 Page - THine Electronics, Inc.

Part # THCV216
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV216 Datasheet(HTML) 14 Page - THine Electronics, Inc.

Back Button THCV216 Datasheet HTML 10Page - THine Electronics, Inc. THCV216 Datasheet HTML 11Page - THine Electronics, Inc. THCV216 Datasheet HTML 12Page - THine Electronics, Inc. THCV216 Datasheet HTML 13Page - THine Electronics, Inc. THCV216 Datasheet HTML 14Page - THine Electronics, Inc. THCV216 Datasheet HTML 15Page - THine Electronics, Inc. THCV216 Datasheet HTML 16Page - THine Electronics, Inc. THCV216 Datasheet HTML 17Page - THine Electronics, Inc. THCV216 Datasheet HTML 18Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
THine Electronics, Inc.
Security E
THCV215-216_Rev.2.70_E
Copyright(C)2016 THine Electronics, Inc.
Electrical Specifications
1.8V & 3.3V CMOS DC Specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIH
High Level Input Voltage
0.65×VDL
-
VDL
V
VIL
Low Level Input Voltage
0
-
0.35×VDL
V
VOH
High Level Output Voltage
IOH=-2mA
VDL-0.45
-
-
V
VOL
Low Level Output Voltage
IOL=2mA
-
-
0.2
V
IIH
Input Leak Current High
VIN=VDL
-
-
±10
uA
IIL
Input Leak Current Low
VIN=0V
-
-
±10
uA
VIH3
High Level Input Voltage (3.3V inputs)
2.1
-
LAVDH
V
VIL3
Low Level Input Voltage (3.3V inputs)
0
-
0.8
V
VOH3
High Level Output Voltage (3.3V outputs)
IOH=-4mA
2.4
-
-
V
VOL3
Low Level Output Voltage (3.3V outputs)
IOL=4mA
-
-
0.4
V
IIH3
Input Leak Current High (3.3V inputs)
VIN=LAVDH
-
-
±10
uA
IIL3
Input Leak Current Low (3.3V inputs)
VIN=0V
-
-
±10
uA
Table 10. THCV215 and THCV216 1.8V & 3.3V CMOS DC Specifications
CML & LVDS DC Specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VTTH
LVDS Differential Input High Threshold
-
-
100
mV
VTTL
LVDS Differential Input Low Threshold
-100
-
-
mV
ITIH
LVDS Input Leak Current High
PDN=L,
TLxn+/-=LAVDH
-
-
±10
uA
ITIL
LVDS Input Leak Current Low
TLxn+/-=0V,PDN=L
-
-
±10
uA
RTIN
LVDS Differential Input Resistance
PDN=L
80
100
120
W
VTOD
CML Differential Mode Output Voltage
DRV[1:0]=L,H
PRE[1:0]=L,L
200
300
400
mV
PRE[1:0]=L,L
-
0
-
%
PRE[1:0]=H,L
80
100
120
%
PRE[1:0]=L,L
mV
PRE[1:0]=H,L
mV
ITOH
CML Output Leak Current High
PDN=L
-
±10
uA
ITOS
CML Output Short Circuit Current
CAVDL=1.8V
-90
-
-
mA
PRE
CML Pre-emphasis Level
CAVDL-VTOD
CAVDL-2×VTOD
VTOC
CML Common Mode Output Voltage
Table 11. THCV215 CML & LVDS DC Specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VRTH
CML Differential Input High Threshold
-
-
50
mV
VRTL
CML Differential Input Low Threshold
-50
-
mV
IRIH
CML Input Leak Current High
PDN=L,
RXn+/-=CAVDL
-
-
±10
uA
IRIL
CML Input Leak Current Low
PDN=L,RXn+/-=0V
-
-
±10
uA
IRRIH
CML Input Current High
RXn+/-=CAVDL
-
-
2
mA
IRRIL
CML Input Current Low
RXn+/-=0V
-6
-
-
mA
RRIN
CML Differential Input Resistance
80
100
120
W
LVDS Differential Mode Output Voltage
(Normal Swing)
RL=100Ω, RS=H
250
350
450
mV
LVDS Differential Mode Output Voltage
(Reduced Swing)
RL=100Ω, RS=L
100
200
300
mV
ΔVROD
Change in VROD between
Complementary Output States
RL=100Ω
-
-
35
mV
VROC
LVDS Common Mode Output Voltage
RL=100Ω
1.125
1.25
1.375
V
ΔVROC
Change in VROC between
Complementary Output States
RL=100Ω
-
-
35
mV
IROS
LVDS Output Short Circuit Current
RLxn+/-=0V
-24
-
-
mA
IROZ
LVDS Output TRI-STATE Current
PDN=L,
RLxn+/-=0V / LAVDH
x=A~F,CLK, n=0, 1
-
-
±10
uA
VROD
Table 12. THCV216 CML & LVDS DC Specifications
14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com