Electronic Components Datasheet Search
  English  ▼

X  

THCV216 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THCV216
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV216 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THCV216 Datasheet HTML 1Page - THine Electronics, Inc. THCV216 Datasheet HTML 2Page - THine Electronics, Inc. THCV216 Datasheet HTML 3Page - THine Electronics, Inc. THCV216 Datasheet HTML 4Page - THine Electronics, Inc. THCV216 Datasheet HTML 5Page - THine Electronics, Inc. THCV216 Datasheet HTML 6Page - THine Electronics, Inc. THCV216 Datasheet HTML 7Page - THine Electronics, Inc. THCV216 Datasheet HTML 8Page - THine Electronics, Inc. THCV216 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
THine Electronics, Inc.
Security E
THCV215-216_Rev.2.70_E
Copyright(C)2016 THine Electronics, Inc.
Pin Description
THCV215
THCV216
Pin Name Pin #
Type* Description
Pin Name Pin #
Type* Description
TX0 +/-
50,51
CO
RX0 +/-
15,14
CI
TX1 +/-
47,48
CO
RX1 +/-
19,18
CI
TLA0+/-
4,3
LI
RLA0+/-
61,62
LO
TLB0+/-
6,5
LI
RLB0+/-
59,60
LO
TLC0+/-
8,7
LI
RLC0+/-
57,58
LO
TLCLK0+/-
10,9
LI
RLCLK0+/ 55,56
LO
TLD0+/-
12,11
LI
RLD0+/-
53,54
LO
TLE0+/-
14,13
LI
RLE0+/-
51,52
LO
TLF0+/-
16,15
LI
RLF0+/-
49,50
LO
TLA1+/-
18,17
LI
RLA1+/-
47,48
LO
TLB1+/-
20,19
LI
RLB1+/-
45,46
LO
TLC1+/-
22,21
LI
RLC1+/-
43,44
LO
TLCLK1+/- 24,23
LI
RLCLK1+/ 41,42
LO
TLD1+/-
26,25
LI
RLD1+/-
39,40
LO
TLE1+/-
28,27
LI
RLE1+/-
37,38
LO
TLF1+/-
30,29
LI
RLF1+/-
35,36
LO
LOCKN
56
I
Lock detect input
LOCKN
7
O Lock detect output (open drain)
HTPDN
57
I
Hot plug detect input
HTPDN
6
O Hot plug detect output (open drain)
PDN
58
I
Power down input
H: Normal Operation
L: Power down (CML output High Fix,
other High-Z)
PDN
27
I
Power down input
H: Normal Operation
L: Power down (High-Z)
COL1,
COL0
61,60
I
Color depth select input
L,L: 6bit
L,H: 8bit
H,L: 10bit
H,H: 12bit
COL1,
COL0
4,5
I
Color depth select input
L,L: 6bit
L,H: 8bit
H,L: 10bit
H,H: 12bit
SDSEL
62
I
Single/Dual select input
L: Channel0 enable, Channel1 disable
H: Channel0, Channel1 enable
SDSEL
3
I
Single/Dual select input
L: Channel0 enable, Channel1 disable
H: Channel0, Channel1 enable
DRV1
42
I
Must be tied to GND
DRV0
41
I
Must be tied to VDL
PRE1,
PRE0
40,39
I
Pre-emphasis level select input
L,L: 0%
H,L: 100%
L,H: not available
H,H: not available
RDY
59
O
Link status ready output
L: not ready
H: ready
Reserved
1,2
26,28
I
Must be tied to GND
Reserved1
37
I
Field BET mode enable input
L: Normal operation (default)
H: Field BET mode enabled
Reserved3
29
I
Field BET mode enable input
L: Normal operation (default)
H: Field BET mode enabled
Reserved0
38
I
Must be tied to GND
VDL
8,25
P
1.8V power supply pin for digital circuitry
GND
9,24
P
Ground pin for digital circuitry
CAVDL
12,21
P
1.8V power supply pin for CML input
GND
36,54
P Ground pin for digital circuitry
CAGND
13,16,
17,20
P
Ground pin for CML input
CAVDL
45,53
P 1.8V power supply pin for CML output
CPVDL0
10
P
1.8V power supply pin for PLL circuitry
CAGND 46,49,52
P Ground pin for CML output
CPGND0
11
P
Ground pin for PLL circuitry
CPVDL
43
P 1.8V power supply pin for PLL circuitry
CPVDL1
23
P
1.8V power supply pin for PLL circuitry
CPGND
44
P Ground pin for PLL circuitry
CPGND1
22
P
Ground pin for PLL circuitry
LPVDL
33,64
P 1.8V power supply pin for LVDS PLL
LPVDH
1,32
P
3.3V power supply pin for LVDS PLL
LPGND
34,63
P Ground pin for LVDS PLL circuitry
LPGND
2,31
P
Ground pin for LVDS PLL circuitry
LAVDH
2,31
P 3.3V power supply pin for LVDS input
LAVDH
34,63
P
3.3V power supply pin for LVDS output
LAGND
1,32
P Ground pin for LVDS input
LAGND
33,64
P
Ground pin for LVDS output
*type symbol
Note) All CMOS inputs are 1.8V-inputs
I=1.8V CMOS Input, O=1.8V CMOS Output, IO3=3.3V CMOS I/O
except for THCV216's RS
LI=LVDS Input, LO= LVDS Output
CI=CML Input, CO=CML Output
P=Power
VDL
35,55
P
1.8V power supply pin for digital circuitry
RS
30
IO3
Direction of RS pin depends on
Reserved3.
LVDS swing range select input
when Reserved3=L
H: Normal swing (350mV typ.)
L: Reduced swing (200mV typ.)
Field BET output when Reserved3=H.
Goes LOW when errors detected.
CML Data Input
LVDS Data Output
LVDS Data Input
CML Data Output
4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com