Electronic Components Datasheet Search
  English  ▼

X  

THCV216 Datasheet(PDF) 21 Page - THine Electronics, Inc.

Part # THCV216
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV216 Datasheet(HTML) 21 Page - THine Electronics, Inc.

Back Button THCV216 Datasheet HTML 17Page - THine Electronics, Inc. THCV216 Datasheet HTML 18Page - THine Electronics, Inc. THCV216 Datasheet HTML 19Page - THine Electronics, Inc. THCV216 Datasheet HTML 20Page - THine Electronics, Inc. THCV216 Datasheet HTML 21Page - THine Electronics, Inc. THCV216 Datasheet HTML 22Page - THine Electronics, Inc. THCV216 Datasheet HTML 23Page - THine Electronics, Inc. THCV216 Datasheet HTML 24Page - THine Electronics, Inc. THCV216 Datasheet HTML 25Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
THine Electronics, Inc.
Security E
THCV215-216_Rev.2.70_E
Copyright(C)2016 THine Electronics, Inc.
Lock and Unlock
Sequence
Power On
VDD18
VDD33
TLCLKn
HTPDN
PDN
LOCKN
Fix to VDD18
CDR Training
pattern
ALN Training
Pattern
CDR Training
pattern
tTPLL0
tTNP1
tTNP0
tTPLL1
TXn
LVDS Data Pattern
TLxn+/-
1.5V
tTPD
x=A,B,C,D,E,F
n=0,1
Normal
pattern
Low-level
LVDS Clock Pattern
Normal
pattern
Figure 17. THCV215 Lock/Unlock Sequence
RXn
Power On
VDD18
VDD33
HTPDN
PDN
LOCKN
CDR Training
Pattern
tRHPD0
tRPLL0
tRHPD1
RLx
High-Z
tRLCK0
tRLCK1
1.5V
tRPD
High-Z
LVDS Data Pattern
RLCLK
x=A,B,C,D,E,F
n=0,1
ALN Training
Pattern
Normal
pattern
tRPLL1
LVDS Clock Pattern
Figure 18. THCV216 Lock/Unlock Sequence
tTPD and tRPD minimum is 0sec; therefore, PDN can be applied at the same time as VDD18 and VDD33.
tTPLL0 is the time from “both PDN=High and HTPDN=Low“ moment to Training pattern ignition.
HTPDN could transit from High to Low under PDN=High condition at THCV215, which is different from what
Figure 17 indicates but is natural situation.
VDD18 : 1.8V power supply
VDD33 : 3.3V power supply
VDD18 : 1.8V power supply
VDD33 : 3.3V power supply
21/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com