Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMP468
Description  9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP468 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 30Page - Texas Instruments TMP468 Datasheet HTML 31Page - Texas Instruments TMP468 Datasheet HTML 32Page - Texas Instruments TMP468 Datasheet HTML 33Page - Texas Instruments TMP468 Datasheet HTML 34Page - Texas Instruments TMP468 Datasheet HTML 35Page - Texas Instruments TMP468 Datasheet HTML 36Page - Texas Instruments TMP468 Datasheet HTML 37Page - Texas Instruments TMP468 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
V+
D+
D-
GND
Ground or V+ layer
on bottom and top,
if possible.
34
TMP468
SBOS762 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
Remote temperature sensing on the TMP468 device measures very small voltages using very low currents;
therefore, noise at the device inputs must be minimized. Most applications using the TMP468 have high digital
content, with several clocks and a multitude of logic-level transitions that create a noisy environment. Layout
must adhere to the following guidelines:
1. Place the TMP468 device as close to the remote junction sensor as possible.
2. Route the D+ and D– traces next to each other and shield them from adjacent signals through the use of
ground guard traces, as shown in Figure 26. If a multilayer PCB is used, bury these traces between the
ground or V+ planes to shield them from extrinsic noise sources. 5-mil (0.127 mm) PCB traces are
recommended.
3. Minimize additional thermocouple junctions caused by copper-to-solder connections. If these junctions are
used, make the same number and approximate locations of copper-to-solder connections in both the D+ and
D– connections to cancel any thermocouple effects.
4. Use a 0.1-μF local bypass capacitor directly between the V+ and GND of the TMP468. For optimum
measurement performance, minimize filter capacitance between D+ and D– to 1000 pF or less. This
capacitance includes any cable capacitance between the remote temperature sensor and the TMP468.
5. If the connection between the remote temperature sensor and the TMP468 is wired and is less than 8-in
(20.32 cm) long, use a twisted-wire pair connection. For lengths greater than 8 inches, use a twisted,
shielded pair with the shield grounded as close to the TMP468 device as possible. Leave the remote sensor
connection end of the shield wire open to avoid ground loops and 60-Hz pickup.
6. Thoroughly clean and remove all flux residue in and around the pins of the TMP468 to avoid temperature
offset readings as a result of leakage paths between D+ and GND, or between D+ and V+.
NOTE: Use a minimum of 5-mil (0.127 mm) traces with 5-mil spacing.
Figure 26. Suggested PCB Layer Cross-Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com