Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP468
Description  9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP468 Datasheet(HTML) 1 Page - Texas Instruments

  TMP468 Datasheet HTML 1Page - Texas Instruments TMP468 Datasheet HTML 2Page - Texas Instruments TMP468 Datasheet HTML 3Page - Texas Instruments TMP468 Datasheet HTML 4Page - Texas Instruments TMP468 Datasheet HTML 5Page - Texas Instruments TMP468 Datasheet HTML 6Page - Texas Instruments TMP468 Datasheet HTML 7Page - Texas Instruments TMP468 Datasheet HTML 8Page - Texas Instruments TMP468 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
D3+
D4+
SCL
SDA
THERM
ADD
V+
THERM2
D3
C1
D1
D4
C4
B4
TMP468
C3
B3
D5+
D6+
A2
B2
D1+
D2+
D-
D7+
A1
B1
C2
A3
GND
A4
D8+
D2
CDIFF
RS1
RS2
CDIFF
RS1
RS2
CDIFF
RS1
RS2
CDIFF
RS1
RS2
CDIFF
RS1
RS2
CDIFF
RS1
RS2
CDIFF
RS1 RS2
CDIFF
RS1
RS2
1.7V to 3.6V
CBYPASS
RSCL RSDA
RT
RT2
2-Wire Interface
SMBus/I2C
Compatible
Cotnroller
Over-
Temperature
Shutdown
Local
Zone 9
Remote
Zone 1
Remote
Zone 2
Remote
Zone 3
Remote
Zone 4
Remote
Zone 8
Remote
Zone 7
Remote
Zone 6
Remote
Zone 5
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP468
SBOS762 – NOVEMBER 2016
TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
1
1 Features
1
•
8-Channel Remote Diode Temperature Sensor
Accuracy: ±0.75°C
•
Local Temperature Sensor Accuracy: ±0.35°C
•
Temperature Resolution: 0.0625°C
•
Supply and Logic Voltage Range: 1.7 V to 3.6 V
•
67-µA Operating Current (1 SPS, All Channels
Active)
•
0.3-µA Shutdown Current
•
Remote Diode: Series Resistance Cancellation,
η-Factor Correction, Offset Correction, and Diode
Fault Detection
•
Register Lock Function Secures Key Registers
•
I2C- or SMBus™-Compatible Two-Wire Interface
With Pin-Programmable Address
•
16-Bump DSBGA Package
2 Applications
•
MCU, GPU, ASIC, FPGA, DSP, and CPU
Temperature Monitoring
•
Telecommunication Equipment
•
Servers and Personal Computers
•
Cloud Ethernet Switches
•
Secure Data Centers
•
Highly Integrated Medical Systems
•
Precision Instruments and Test Equipment
•
LED Lighting Thermal Control
3 Description
The TMP468 device is a multi-zone, high-accuracy,
low-power
temperature
sensor
using
a
2-wire,
SMBus- or I2C-compatible interface. Up to eight
remote diode-connected temperature zones can be
monitored simultaneously in addition to the local
temperature.
Aggregating
the
temperature
measurements across a system allow improved
performance through tighter guard bands and can
also reduce board complexity. A typical use case is
for
monitoring
the
temperature
across
different
processors, such as MCUs, GPUs, and FPGAs in
complex
systems
such
as
servers
and
telecommunications equipment.
Advanced
features
such
as
series
resistance
cancellation,
programmable
non-ideality
factor,
programmable offset, and programmable temperature
limits are included to provide a robust thermal
monitoring solution with improved accuracy and noise
immunity.
Each of the 8 remote channels (and the local
channel) can be programmed independently with two
thresholds which trigger when the corresponding
temperature is exceeded at the measured location. In
addition, there is a programmable hysteresis setting
to avoid constant toggling of the threshold.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP468
DSBGA (16)
1.60 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Note: See section Design Requirements for remote diode recommendations (most common discrete transistor
recommendation is MMBT3904). Place remote diode differential filter capacitors close to TMP468 pins. Unused diode
channels must be tied to D–. Remote diode filter capacitor and the sum of the series resistance (RS1 + RS2) values
must be less than 1 nF and 1 kΩ, respectively.


Similar Part No. - TMP468

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP468 TI2-TMP468 Datasheet
1Mb / 49P
TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
REVISED JUNE 2017
TMP468AIRGTR TI2-TMP468AIRGTR Datasheet
1Mb / 49P
TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
REVISED JUNE 2017
TMP468AIRGTR.A TI2-TMP468AIRGTR.A Datasheet
1Mb / 49P
TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
REVISED JUNE 2017
TMP468AIRGTRG4 TI2-TMP468AIRGTRG4 Datasheet
1Mb / 49P
TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
REVISED JUNE 2017
More results

Similar Description - TMP468

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com