Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP468
Description  9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP468 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 7Page - Texas Instruments TMP468 Datasheet HTML 8Page - Texas Instruments TMP468 Datasheet HTML 9Page - Texas Instruments TMP468 Datasheet HTML 10Page - Texas Instruments TMP468 Datasheet HTML 11Page - Texas Instruments TMP468 Datasheet HTML 12Page - Texas Instruments TMP468 Datasheet HTML 13Page - Texas Instruments TMP468 Datasheet HTML 14Page - Texas Instruments TMP468 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
TMP468
www.ti.com
SBOS762 – NOVEMBER 2016
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
(1)
Resolution is 0.0625°C per count. Negative numbers are represented in two's complement format.
Table 1. Temperature Data Format (Local and Remote Temperature)
TEMPERATURE
(°C)
LOCAL OR REMOTE TEMPERATURE REGISTER VALUE
(0.0625°C RESOLUTION)
STANDARD BINARY(1)
BINARY
HEX
–64
1110 0000 0000 0000
E0 00
–50
1110 0111 0000 0000
E7 00
–25
1111 0011 1000 0000
F3 80
–0.1250
1111 1111 1111 0000
FF F0
–0.0625
1111 1111 1111 1000
FF F8
0
0000 0000 0000 0000
00 00
0.0625
0000 0000 0000 1000
00 08
0.1250
0000 0000 0001 0000
00 10
0.1875
0000 0000 0001 1000
00 18
0.2500
0000 0000 0010 0000
00 20
0.3125
0000 0000 0010 1000
00 28
0.3750
0000 0000 0011 0000
00 30
0.4375
0000 0000 0011 1000
00 38
0.5000
0000 0000 0100 0000
00 40
0.5625
0000 0000 0100 1000
00 48
0.6250
0000 0000 0101 0000
00 50
0.6875
0000 0000 0101 1000
00 58
0.7500
0000 0000 0110 0000
00 60
0.8125
0000 0000 0110 1000
00 68
0.8750
0000 0000 0111 0000
00 70
0.9375
0000 0000 0111 1000
00 78
1
0000 0000 1000 0000
00 80
5
0000 0010 1000 0000
02 80
10
0000 0101 0000 0000
05 00
25
0000 1100 1000 0000
0C 80
50
0001 1001 0000 0000
19 00
75
0010 0101 1000 0000
25 80
100
0011 0010 0000 0000
32 00
125
0011 1110 1000 0000
3E 80
127
0011 1111 1000 0000
3F 80
150
0100 1011 0000 0000
4B 00
175
0101 0111 1000 0000
57 80
191
0101 1111 1000 0000
5F 80
Both local and remote temperature data use two bytes for data storage with a two's complement format for
negative numbers. The high byte stores the temperature with 2°C resolution. The second or low byte stores the
decimal fraction value of the temperature and allows a higher measurement resolution, as shown in Table 1. The
measurement resolution for both the local and the remote channels is 0.0625°C.
8.3.2 Series Resistance Cancellation
Series resistance cancellation automatically eliminates the temperature error caused by the resistance of the
routing to the remote transistor or by the resistors of the optional external low-pass filter. A total up to 1-kΩ series
resistance can be cancelled by the TMP468 device, thus eliminating the need for additional characterization and
temperature offset correction. See Figure 9 (Remote Temperature Error vs Series Resistance) for details on the
effects of series resistance on sensed remote temperature error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com