Electronic Components Datasheet Search
  English  ▼

X  

TMP468 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMP468
Description  9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP468 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 35Page - Texas Instruments TMP468 Datasheet HTML 36Page - Texas Instruments TMP468 Datasheet HTML 37Page - Texas Instruments TMP468 Datasheet HTML 38Page - Texas Instruments TMP468 Datasheet HTML 39Page - Texas Instruments TMP468 Datasheet HTML 40Page - Texas Instruments TMP468 Datasheet HTML 41Page - Texas Instruments TMP468 Datasheet HTML 42Page - Texas Instruments TMP468 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
16X (
0.23)
(0.4) TYP
(0.4) TYP
(
0.23)
METAL
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
0.23)
SOLDER MASK
OPENING
0.05 MIN
DSBGA - 0.625 mm max height
YFF0016
DIE SIZE BALL GRID ARRAY
4219386/A 05/2016
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints. For more information,
see Texas Instruments literature number SNVA009 (www.ti.com/lit/snva009).
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:30X
C
1
2
3
A
B
D
4
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com