Electronic Components Datasheet Search
  English  ▼

X  

AP4460 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP4460
Description  Step-up DC-DC Converter with Power Path for Single Solar Cell
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4460 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP4460 Datasheet HTML 1Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 2Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 3Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
[AP4460]
014012310-E-01
2015/04
- 4 -
6.
Pin Configurations and Functions
■ Pin Configurations
Please connect exposed pad to GND or leave it OPEN.
■ Functions
No.
Pin Name
I/O
Function
Condition
1
VIN
PWR
Power input pin
2
VCP
O
Charge pump output pin
3
TEST1
-
Test pin
Connect to GND.
4
TEST2
-
Test pin
Connect to GND.
5
TEST3
-
Test pin
Connect to GND.
6
TEST4
-
Test pin
Connect to GND.
7
TEST5
-
Test pin
Connect to GND.
8
TEST6
I
Test pin
Connect to GND.
9
GND
PWR
Ground pin
10
MPPL
I
MPPL reference voltage input pin
11
MPPH
I
MPPH reference voltage input pin
12
VREF
O
Reference voltage output pin
13
VDSET
I
VDSET reference voltage input pin
14
VSSET
I
VSSET reference voltage input pin
15
VLSET
I
VLSET reference voltage input pin
16
TEST7
I
Test pin
Connect to GND.
17
DDCONB
O
DC-DC activation signal pin
Open Drain
Outputs ”L” if the voltage is over MPPH
voltage during VIN is increasing.
Outputs ”H” if the voltage is less than MPPL
voltage during VIN is decreasing.
18
VOUT
PWR
Power supply for external system pin
19
VS2
PWR
Storage element connect pin 2
20
VS1
PWR
Storage element connect pin 1
21
PPIN
PWR
Power path input pin
22
VD
PWR
DC-DC output pin
23
SW
PWR
Coil connect pin
24
PG
PWR
DC-DC Ground pin
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com