Electronic Components Datasheet Search
  English  ▼

X  

AP4460 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP4460
Description  Step-up DC-DC Converter with Power Path for Single Solar Cell
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4460 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP4460 Datasheet HTML 3Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
[AP4460]
014012310-E-01
2015/04
- 7 -
Parameter
Symbol
Condition
min
typ
max
Unit
VS1, VS2, VOUT pin total
current (
Note 3)
-
VVD<VPORL
-
10
20
nA
Protect Function
F2 discharge switch over
current protection
IF2CLIM
VS1 pin grounding
50
250
700
mA
F3
switch
over
current
protection
IF3CLIM
VOUT pin grounding
50
250
700
mA
VD over voltage protection
VOV
4.2
4.45
4.7
V
VD over voltage protection
hysteresis
VOVHYS
0.35
0.45
0.55
V
Logic I/O
DDCONB Output Voltage
VOLDDCON
I load<10μA
0
-
0.3
V
DDCONB Leakage Current
IOHDDCON
VDDCON<4V
-
1
10
nA
Note 3. If there is no input power and VVD<VPORL, F1 becomes off and F2 and F3 become on. The internal current
consumption of the IC is 10nA(typ) at this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com