Electronic Components Datasheet Search
  English  ▼

X  

AP4460 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP4460
Description  Step-up DC-DC Converter with Power Path for Single Solar Cell
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4460 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP4460 Datasheet HTML 2Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 3Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
[AP4460]
014012310-E-01
2015/04
- 6 -
9. Electrical Characteristics
(Ta=25℃,The external Circuit is as
Figure 13, unless otherwise specified.)
Parameter
Symbol
Condition
min
typ
max
Unit
Start-up Circuit
Minimum input voltage to
start-up operation
VINSTUP
Tj≧25℃
-
0.35
0.40
V
Stop start-up operation
(When VD is increasing)
VPORH
1.8
1.9
2.0
V
Restart start-up operation
(When VD is decreasing)
VPORL
1.7
1.8
1.9
V
DC-DC Converter
VVDTGT voltage
VVDTGT
-
4×VVDSET
-
V
VVDTGT voltage accuracy
-
-5
-
+5
%
VVDTGT hysteresis
VVDTGTHYS
0.01×VVDTGT
0.03×VVDTGT
0.05×VVDTGT
V
High-side on resistance
RONTOP
-
1.5
-
Ω
Low-side on resistance
RONBOT
-
0.6
-
Ω
Low-side on Time
TON
VVD=3.3V
2.3
4.5
6.8
μs
VD pin internal consumption
current
IQVD
VVD=3.3V
(When DC-DC converter
is in skip state)
-
4.5
15
μA
MPPT Circuit
Accuracy of VVIN to activate
DC-DC(Include VOSMPP)
VMPPH
0.55V<set value<0.8V
-5
0
+5
%
VMPPH1
0.25V<set value
-7
0
+7
%
Accuracy of VVIN to be skip
state(Include VOSMPP)
VMPPL
0.40V<set value<0.7V
-5
0
+5
%
VMPPL1
0.25V<set value
-7
0
+7
%
Power Path Switch
F1 switch ON resistance
RF1
VD>2.5V, 20mA
-
2.5
5
Ω
F2 charge switch ON
resistance
RF2C
VS1>2.5V, 2mA
-
200
300
Ω
F2 discharge switch ON
resistance
RF2D
VS2>2.5V, 20mA
-
2
5
Ω
F3 switch ON resistance
RF3
VS1>2.5V, 20mA
-
2
5
Ω
F1 switch ON voltage
VF1ON
VD pin
-
VVDTGTH
-
V
F1 switch OFF voltage
VF1OFF
VD pin
-
VVDTGTH
-VVDTGTHYS
-
V
F2 charge switch ON voltage
(when charging)
VVS2CHG
VS1 pin
-
4×VVSSET
×1.03
-
V
F2 charge switch OFF voltage
(when charging)
VVS2HLD
VS1 pin
-
4×VVSSET
×0.97
-
V
F2 discharge switch ON
voltage (when discharging)
VVS2DCH
VS1 pin
-
4×VVSSET
×0.94
-
V
F2 discharge switch OFF
voltage (when discharging)
VVS2DIS
VS1 pin
-
4×VVLSET
-
V
F3 switch ON voltage
VVOUTEN
VS1 pin
-
4×VVSSET
-
F3 switch OFF voltage
VVOUTDIS
VS1 pin
-
4×VVLSET
×0.97
-
V
F1, F2, F3 Control Voltage
Accuracy
-
Include VVRFEF accuracy
-5
0
+5
%
Reference Voltage
Reference Voltage Output
VVREF
1.187
1.236
1.285
V
Current Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com