Electronic Components Datasheet Search
  English  ▼

X  

AP4460 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP4460
Description  Step-up DC-DC Converter with Power Path for Single Solar Cell
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4460 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP4460 Datasheet HTML 1Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 2Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 3Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
[AP4460]
014012310-E-01
2015/04
- 1 -
1. General Description
The AP4460 is a synchronous step-up DC-DC converter that can be operated by a single solar cell. It has a power
management function which supplies power to an external system, charges super capacitors, or supplies power
from the super capacitor to the system. The DC-DC converter is a hysteric comparator type and composed of an
ultra-low power start-up circuit which starts from only 0.35 V. Because the power consumption is extremely low,
the AP4460 can operate with low input power generated by a solar panel under indoor lighting. The input voltage
of the DC-DC converter, i.e. output voltage of the solar cell is controlled by external resistors for the reference
voltage of the IC. The best power efficiency can be obtained by adjusting this input level setting according to the
characteristics of a connected solar cell. The AP4460 has a Power-Path Control switches for supplying power to
the external system and charging a super capacitor. When the output voltage of DC-DC converter reaches a target
voltage, the IC starts to charge a compact capacitor. After charging up to the target voltage of a compact capacitor,
then the IC starts to supply power to the external system. Supplying power to the external system via capacitor
makes it possible to operate high load external system even with a low input power. If the input power is surplus,
the extra power is stored gradually in a super capacitor. The super capacitor automatically supplies power to the
external system, if the power supply input is low. The AP4460 is suitable for sensor nodes of energy harvesting
equipment.
2. Features
 Start-up with Ultra-low Input Voltage
0.35V(typ)
 Ultra-low Current Consumption (internal current consumption from storage element)
10nA
 Operating Temperature Range
-30 ~ 85°C
 Input Voltage from 0.14V
 DC-DC Output Voltage
2.5 ~ 4.0V
 Step up DC-DC Converter with Hysteric Comparator Control
 Synchronous Rectification by High-side Zero-cross Detection
 Built-in Output Control MOSFET
 Power Path Function that Automatically Supplies Power to External System from Storage Element
(when input power is insufficient)
 DC-DC Operation Monitoring Function
 Supply power to External System Quickly without depending on Storage Element
 Efficiency
80% (When 0.5V and 1mA Input, 3V output)
 Package
24-pin QFN
 Applications
-
Power Supply Systems by Single Solar Cell
-
Portable Electronics
-
Sensor Nodes
-
Wearable Devices
Step-up DC-DC Converter with Power Path for Single Solar Cell
AP4460


Similar Part No. - AP4460

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP4460A HUAXINAN-AP4460A Datasheet
310Kb / 3P
Step-up DC-DC Converter
logo
Asahi Kasei Microsystem...
AP4460A AKM-AP4460A Datasheet
310Kb / 3P
Step-up DC-DC Converter with Power Path for Single Solar Cell
More results

Similar Description - AP4460

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
2-Cell, 500mA, Step-Up DC/DC Converter
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
2-Cell, 200mA, Step-Up DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
AP4460A AKM-AP4460A Datasheet
310Kb / 3P
Step-up DC-DC Converter with Power Path for Single Solar Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com