Electronic Components Datasheet Search
  English  ▼

X  

AP4460 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AP4460
Description  Step-up DC-DC Converter with Power Path for Single Solar Cell
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4460 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AP4460 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 12Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 13Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 14Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 15Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 16Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
[AP4460]
014012310-E-01
2015/04
- 13 -
10.4 Input/output Current Characteristic
Figure 11. Circuit Example
Internal current consumption of each pin is shown in Figure 12.
Figure 12. The consumption for VD and VS1 pin
・In the case of Start-up:
VD pin current (IVD, inflow into VD pin) is about 2.2uA and VS1 pin current (IVS1, inflow into VS1 pin)
is about 10nA before VVD reaches to VPORH voltage. (In case of VVD < VPORL, F2 switch= ON, the total
internal consumption of VS1 and VS2 pins is 10nA.)
・In the case of DC-DC switching:
After VVD reaches to VPORH, until VVD drops to VPORL, IVD is 5.4uA~1mA depends on switching period
and VVD voltage.
・In the case of DC-DC skip (intermittent action):
After VVD reaches to VTGT, internal current consumption is about 4.7uA. IVS1 consumption is determined
by VS1 pin voltage and internal resistor. (Maximum IVS1 is 500nA when VS1 voltage= 4V) After VVD
reaches to VTGT, until VVD drops to VVDTGT-VVDTGTHYS, switch F1= OFF, the adverse current (from VS1
pin to VD pin) is not occurred. When VVD reaches VPORL, IVD is about 2.2uA and IVS1 is about 10nA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com