Electronic Components Datasheet Search
  English  ▼

X  

AP4460 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AP4460
Description  Step-up DC-DC Converter with Power Path for Single Solar Cell
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4460 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP4460 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
[AP4460]
014012310-E-01
2015/04
- 8 -
10 . Functional Descriptions
10.1 Operation
The AP4460 is a synchronous step-up DC-DC converter that can be activated by a single solar cell. The IC
has a power management function which supplies power to an external system, charges super capacitors, or
controls the power path to supply power from the super capacitor to the external system.
The AP4460 can be
operated from 0.35V (typ) at the VIN pin. The start-up circuit is operated when VVIN voltage reaches VINSTUP.
Then, the internal charge pump circuit boosts VVIN voltage and charges the capacitor connected to the VCP
pin (CVCP). When the VCP voltage reaches enough level, the internal start-up circuit switches the N-channel
MOSFET transistor (S1) and charges the external capacitor connected to the VD pin (CVD). The start-up
circuit is stopped when the VD voltage reaches VPORH level, then the DC-DC converter starts the operation.
When the VD voltage drops to the level less than VPORL, the DC-DC converter stops and the start-up circuits
is operated again.
Figure 2. State transition of Start-up and DC-DC operation
The DC-DC converter activates the N-channel MOSFET transistor (N1) during TON period to charge the coil.
After TON period, the energy stored in the coil is charged to the CVD capacitor by a power switching of N1
transistor (becomes OFF) and the P1 transistor (becomes ON). The control circuits of the DC-DC sets the P1
transistor off when the SW voltage becomes less than the VD voltage, and then the N1 transistor turns on. The
operation of DC-DC converter is controlled by three reference voltages such as VDSET, MPPL and MPPH
voltages. The VDSET voltage controls the output voltage level (VVDTGT) of DC-DC converter. When the VD
voltage reaches VVDTGT level, the DC-DC converter stops the switching operation and enters 'Skip' state to save
current consumption. When the VD voltage becomes less than VVDTGT - VVDTGTHYS, the DC-DC converter goes to
'Switching' state and boosts the VD voltage. The inputs of the MPPH pin and the MPPL pin (VMPPH and VMPPL)
control the input voltage of the DC-DC converter (VVIN) for effective voltage level of a solar cell. When the VVIN
voltage becomes less than VMPPTL voltage, the DC-DC converter stops switching operation and goes to Skip state
until VVIN voltage reaches VMPPTH voltage. By adjusting input levels of the MPPH pin and the MPPL pin (VMPPH
and VMPPL), the maximum output solar power can be efficiently generated.
The DDCONB (N-channel MOSFET open drain) pin outputs “L” when VVIN voltage is in between VMPPL and
VMPPH. The DC-DC converter has the over voltage protection function for the VD pin. When the VD voltage
exceeds VOV level, the DC-DC converter transitions to Skip state to prevent further voltage increase. When the
VD voltage becomes lower than VOV-VOVHYS, the converter restarts switching operation.
Figure 3. State Transition of DC-DC Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com