Electronic Components Datasheet Search
  English  ▼

X  

L9950TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9950TR
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 3Page - STMicroelectronics L9950TR Datasheet HTML 4Page - STMicroelectronics L9950TR Datasheet HTML 5Page - STMicroelectronics L9950TR Datasheet HTML 6Page - STMicroelectronics L9950TR Datasheet HTML 7Page - STMicroelectronics L9950TR Datasheet HTML 8Page - STMicroelectronics L9950TR Datasheet HTML 9Page - STMicroelectronics L9950TR Datasheet HTML 10Page - STMicroelectronics L9950TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
L9950
Figure 5. Thermal Data Of Package
Table 7. ELECTRICAL CHARACTERISTICS
(VS = 8 to 16V, VCC = 4.5 to 5.3V, Tj = - 40 to 150 °C, unless otherwise specified. The voltages are
referred to GND and currents are assumed positive, when the current flows into the pin)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply
VS
operating supply voltage range
7
28
V
IS
VS DC supply current
VS = 16V, VCC = 5.3V
active mode
OUT1 - OUT11 floating
720
mA
VS quiescent supply current
VS = 16V, VCC = 0V
standby mode
OUT1 - OUT11 floating
Ttest =-40°C, 25°C
412
µA
ICC
VCC DC supply current
VS = 16V, VCC = 5.3V
CSN = VCC
active mode
13
mA
VCC quiescent supply current
VS = 16V, VCC = 5.3V
CSN = VCC
standby mode
OUT1 - OUT11 floating
25
50
µA
IS + ICC
sum quiescent supply current
VS = 16V, VCC = 5.3V
CSN = VCC
standby mode
OUT1 - OUT11 floating
31
75
µA
Over- and undervoltage detection:
VSUV ON
VS UV-threshold voltage
VS increasing
5.9
7.2
V
VSUV OFF
VS UV-threshold voltage
VS decreasing
5.5
6.5
V
VSUV hyst
VS UV-hysteresis
VSUV ON - VSUV OFF
0.5
V
VSOV OFF
VS OV-threshold voltage
VS increasing
18
24.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com