Electronic Components Datasheet Search
  English  ▼

X  

L9950TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9950TR
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 2 Page - STMicroelectronics

  L9950TR Datasheet HTML 1Page - STMicroelectronics L9950TR Datasheet HTML 2Page - STMicroelectronics L9950TR Datasheet HTML 3Page - STMicroelectronics L9950TR Datasheet HTML 4Page - STMicroelectronics L9950TR Datasheet HTML 5Page - STMicroelectronics L9950TR Datasheet HTML 6Page - STMicroelectronics L9950TR Datasheet HTML 7Page - STMicroelectronics L9950TR Datasheet HTML 8Page - STMicroelectronics L9950TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
L9950
2/23
3.1
Dual Power Supply: VS and VCC
The power supply voltage VS supplies the half bridges and the highside drivers. An internal charge-pump
is used to drive the highside switches. The logic supply voltage VCC (stabilized 5 V) is used for the logic
part and the SPI of the device.
Due to the independent logic supply voltage the control and status information will not be lost, if there are
temporary spikes or glitches on the power supply voltage. In case of power-on (VCC increases from und-
ervoltage to VPOR OFF = 4.2 V) the circuit is initialized by an internally generated power-on-reset (POR). If
the voltage VCC decreases under the minimum threshold (VPOR ON = 3.4 V), the outputs are switched to
tristate (high impedance) and the status registers are cleared.
3.2
Standby-Mode
The standby mode of the L9950 is activated by clearing the bit 23 of the Input Data Register 0. All latched
data will be cleared and the inputs and outputs are switched to high impedance. In the standby mode the
current at VS (VCC) is less than 6 µA (50µA) for CSN = high (DO in tristate). By switching the VCC voltage
a very low quiescent current can be achieved. If bit 23 is set, the device will be switched to active mode.
3.3
Inductive Loads
Each half bridge is built by an internally connected highside and a lowside power DMOS transistor. Due
to the built-in reverse diodes of the output transistors, inductive loads can be driven at the outputs OUT1
to OUT6 without external free-wheeling diodes. The highside drivers OUT7 to OUT11 are intended to drive
resistive loads. Hence only a limited energy (E<1mJ) can be dissipated by the internal ESD-diodes in free-
wheeling condition. For inductive loads (L>100
µH) an external free-wheeling diode connected to GND and
the corresponding output is needed.
3.4
Diagnostic Functions
All diagnostic functions (over/open load, power supply over-/undervoltage, temperature warning and ther-
mal shutdown) are internally filtered and the condition has to be valid for at least 32 µs (open load: 1ms,
respectively) before the corresponding status bit in the status registers will be set. The filters are used to
improve the noise immunity of the device. Open load and temperature warning function are intended for
information purpose and will not change the state of the output drivers. On contrary, the overload and ther-
mal shutdown condition will disable the corresponding driver (overload) or all drivers (thermal shutdown),
respectively. Without setting the over-current recovery bits in the Input Data Register, the microcontroller
has to clear the over-current status bits to reactivate the corresponding drivers.
3.5
Overvoltage and Undervoltage Detection
If the power supply voltage VS rises above the overvoltage threshold VSOV OFF (typical 21 V), the outputs
OUT1 to OUT11 are switched to high impedance state to protect the load. When the voltage VS drops
below the undervoltage threshold VSUV OFF (UV-switch-OFF voltage), the output stages are switched to
the high impedance to avoid the operation of the power devices without sufficient gate driving voltage (in-
creased power dissipation). If the supply voltage VS recovers to normal operating voltage the outputs stag-
es return to the programmed state (input register 0: bit 20=0).
If the undervoltage/overvoltage recovery disable bit is set, the automatic turn-on of the drivers is deacti-
vated. The microcontroller needs to clear the status bits to reactivate the drivers. It is recommended to set
bit 20 to avoid a possible high current oscillation in case of a shorted output to GND and low battery volt-
age.
3.6
Temperature Warning and Thermal Shutdown
If junction temperature rises above Tj TW a temperature warning flag is set and is detectable via the SPI.
If junction temperature increases above the second threshold Tj SD, the thermal shutdown bit will be set
and power DMOS transistors of all output stages are switched off to protect the device. In order to reacti-
vate the output stages the junction temperature must decrease below Tj SD - Tj SD HYS and the thermal
shutdown bit has to be cleared by the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com