Electronic Components Datasheet Search
  English  ▼

X  

L9950TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9950TR
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 3 Page - STMicroelectronics

  L9950TR Datasheet HTML 1Page - STMicroelectronics L9950TR Datasheet HTML 2Page - STMicroelectronics L9950TR Datasheet HTML 3Page - STMicroelectronics L9950TR Datasheet HTML 4Page - STMicroelectronics L9950TR Datasheet HTML 5Page - STMicroelectronics L9950TR Datasheet HTML 6Page - STMicroelectronics L9950TR Datasheet HTML 7Page - STMicroelectronics L9950TR Datasheet HTML 8Page - STMicroelectronics L9950TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
L9950
3.7
Open Load Detection
The open load detection monitors the load current in each activated output stage. If the load current is
below the open load detection threshold for at least 1 ms (tdOL) the corresponding open load bit is set in
the status register. Due to mechanical/electrical inertia of typical loads a short activation of the outputs
(e.g. 3ms) can be used to test the open load status without changing the mechanical/electrical state of the
loads.
3.8
Over Load Detection
In case of an over-current condition a flag is set in the status register in the same way as open load de-
tection. If the over-current signal is valid for at least tISC = 32 µs, the over-current flag is set and the cor-
responding driver is switched off to reduce the power dissipation and to protect the integrated circuit. If the
over-current recovery bit of the output is zero the microcontroller has to clear the status bits to reactivate
the corresponding driver.
3.9
Current monitor
The current monitor output sources a current image at the current monitor output which has a fixed ratio
(1/10000) of the instantaneous current of the selected highside driver. The bits 18 and 19 of the Input Data
Register 0 control which of the outputs OUT1, OUT4, OUT5, OUT6 and OUT11 will be multiplexed to the
current monitor output. The current monitor output allows a more precise analysis of the actual state of the
load rather than the detection of an open- or overload condition. For example this can be used to detect
the motor state (starting, free-running, stalled). Moreover, it is possible to regulate the power of the de-
froster more precise by measuring the load current. The current monitor output is bidirectional (c.f. PWM
inputs).
3.10 PWM inputs
Each driver has a corresponding PWM enable bit which can be programmed by the SPI interface. If the
PWM enable bit is set, the output is controlled by the logically AND-combination of the PWM signal and
the output control bit in Input Data Register. The outputs OUT1-OUT8 and OUT11 are controlled by the
PWM1 input and the outputs OUT9/10 are controlled by the bidirectional input CM/PMW2. For example,
the two PWM inputs can be used to dim two lamps independently by external PWM signals.
3.11 Cross-current protection
The six half-brides of the device are cross-current protected by an internal delay time. If one driver (LS or
HS) is turned-off the activation of the other driver of the same half bridge will be automatically delayed by
the cross-current protection time. After the cross-current protection time is expired the slew-rate limited
switch-off phase of the driver will be changed to a fast turn-off phase and the opposite driver is turned-on
with slew-rate limitation. Due to this behaviour it is always guaranteed that the previously activated driver
is totally turned-off before the opposite driver will start to conduct.
3.12 Programmable Softstart Function to drive loads with higher inrush currrent
Loads with start-up currents higher than the over-current limits (e.g. inrush current of lamps, start current
of motors and cold resistance of heaters) can be driven by using the programmable softstart function (i.e.
overcurrent recovery mode). Each driver has a corresponding over-current recovery bit. If this bit is set,
the device will automatically switch-on the outputs again after a programmable recovery time. The duty
cycle in over-current condition can be programmed by the SPI interface to be about 12% or 25%. The
PWM modulated current will provide sufficient average current to power up the load (e.g. heat up the bulb)
until the load reaches operating condition.
The device itself cannot distinguish between a real overload and a non linear load like a light bulb. A real
overload condition can only be qualified by time. As an example the microcontroller can switch on light
bulbs by setting the over-current Recovery bit for the first 50ms. After clearing the recovery bit the output
will be automatically disabled if the overload condition still exits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com