Electronic Components Datasheet Search
  English  ▼

X  

L9950TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9950TR
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 11Page - STMicroelectronics L9950TR Datasheet HTML 12Page - STMicroelectronics L9950TR Datasheet HTML 13Page - STMicroelectronics L9950TR Datasheet HTML 14Page - STMicroelectronics L9950TR Datasheet HTML 15Page - STMicroelectronics L9950TR Datasheet HTML 16Page - STMicroelectronics L9950TR Datasheet HTML 17Page - STMicroelectronics L9950TR Datasheet HTML 18Page - STMicroelectronics L9950TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
L9950
Bit
Input Register 1 (write)
Status Register 1 (read)
Name
Comment
Name
Comment
17
OUT6 OC
Recovery Enable
After 50ms the bit can be cleared.
If over-current condition still exists, a
wrong load can be assumed.
OUT11 – HS open
load
The open load detection
monitors the load current in
each activated output stage.
If the load current is below
the open load detection
threshold for at least 1 ms
(tdOL) the corresponding
open load bit is set. Due to
mechanical/electrical inertia
of typical loads a short
activation of the outputs (e.g.
3ms) can be used to test the
open load status without
changing the mechanical/
electrical state of the loads.
16
OUT5 OC
Recovery Enable
OUT10 – HS open
load
15
OUT4 OC
Recovery Enable
OUT9 – HS open load
14
OUT3 OC
Recovery Enable
OUT8 – HS open load
13
OUT2 OC
Recovery Enable
OUT7 – HS open load
12
OUT1 OC
Recovery Enable
OUT6 – HS open load
11
OUT11 PWM1
Enable
If the PWM1/2 Enable Bit is set and
the output is enabled (Input Register
0) the output is switched on if
PWM1/2 input is high and switched
off if PWM1/2 input is low. OUT9
and OUT10 is controlled by PWM2
input all other outputs are controlled
by PWM1 input.
OUT6 – LS open load
10
OUT10 PWM2
Enable
OUT5 – HS open load
9OUT9 PWM2
Enable
OUT5 – LS open load
8OUT8 PWM1
Enable
OUT4 – HS open load
7OUT7 PWM1
Enable
OUT4 – LS open load
6OUT6 PWM1
Enable
OUT3 – HS open load
5OUT4 PWM1
Enable
OUT3 – LS open load
4OUT4 PWM1
Enable
OUT2 –HS open load
3OUT3 PWM1
Enable
OUT2– LS open load
2OUT4 PWM1
Enable
OUT1 – HS open load
1OUT4 PWM1
Enable
OUT1 – LS open load
0
1
No Error bit
A logical NOR-combination
of all bits 1 to 22 in both
status registers.
Table 9. SPI - Input Data and Status Register (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com