Electronic Components Datasheet Search
  English  ▼

X  

L9950TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9950TR
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 5Page - STMicroelectronics L9950TR Datasheet HTML 6Page - STMicroelectronics L9950TR Datasheet HTML 7Page - STMicroelectronics L9950TR Datasheet HTML 8Page - STMicroelectronics L9950TR Datasheet HTML 9Page - STMicroelectronics L9950TR Datasheet HTML 10Page - STMicroelectronics L9950TR Datasheet HTML 11Page - STMicroelectronics L9950TR Datasheet HTML 12Page - STMicroelectronics L9950TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
L9950
rON OUT7, rON
OUT8, rON OUT9
, rON OUT10
on-resistance to supply
VS = 13.5 V, Tj = 25 °C,
IOUT7,8,9,10 = -0.8 A
800
1100
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT7,8,9,10 = -0.8 A
1250
1700
m
Ω
VS = 8.0 V, Tj = 25 °C,
IOUT7,8,9,10 = -0.8 A
800
1100
m
Ω
rON OUT11
on-resistance to supply
VS = 13.5 V, Tj = 25 °C,
IOUT11 = - 3.0 A
100
150
m
Ω
VS = 13.5 V, Tj = 125 °C,
IOUT11 = - 3.0A
150
200
m
Ω
VS = 8.0 V, Tj = 25 °C,
IOUT11 = - 3.0 A
100
150
m
Ω
|IOUT1|, |IOUT6|
output current limitation to supply
or GND
sink and source, VS=13.5V
3
5
A
|IOUT2|, |IOUT3|
output current limitation to supply
or GND
sink and source, VS = 13.5V
1.5
2.5
A
|IOUT4|, |IOUT5|
output current limitation to supply
or GND
sink and source, VS = 13.5V
6
10
A
|IOUT7|, |IOUT8|,
|IOUT9|,
|IOUT10|
output current limitation to GND
source, VS = 13.5V
1.5
2.5
A
|IOUT11|
output current limitation to GND
source, VS = 13.5V
6
10
A
td ON H
output delay time,
highside driver on
VS = 13.5 V, corresponding
lowside driver is not active
20
40
80
µs
td OFF H
output delay time,
highside driver off
VS = 13.5 V
50
150
300
µs
td ON L
output delay time,
lowside driver on
VS = 13.5 V, corresponding
highside driver is not active
15
30
70
µs
td OFF L
output delay time,
lowside driver off
VS = 13.5 V
80
150
300
µs
tD HL
cross current protection time,
source to sink
td ON L - td OFF H,
200
400
µs
tD LH
cross current protection time,
sink to source
td ON H - td OFF L
200
400
µs
IQLH
switched-off output current
highside drivers of OUT1-11
VOUT1-11=0V, standby mode
0
-2
-5
µA
VOUT1-11=0V, active mode
-40
-15
0
µA
IQLL
switched-off output current
lowside drivers of OUT1-6
VOUT1-6 = VS, standby mode
0
80
120
µA
VOUT1-6=VS, active mode
-40
-15
0
µA
IOLD1
open load detection current of
OUT1
530
80
mA
Table 7. ELECTRICAL CHARACTERISTICS (continued)
(VS = 8 to 16V, VCC = 4.5 to 5.3V, Tj = - 40 to 150 °C, unless otherwise specified. The voltages are
referred to GND and currents are assumed positive, when the current flows into the pin)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com