Electronic Components Datasheet Search
  English  ▼

X  

L9950TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9950TR
Description  DOOR ACTUATOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 6Page - STMicroelectronics L9950TR Datasheet HTML 7Page - STMicroelectronics L9950TR Datasheet HTML 8Page - STMicroelectronics L9950TR Datasheet HTML 9Page - STMicroelectronics L9950TR Datasheet HTML 10Page - STMicroelectronics L9950TR Datasheet HTML 11Page - STMicroelectronics L9950TR Datasheet HTML 12Page - STMicroelectronics L9950TR Datasheet HTML 13Page - STMicroelectronics L9950TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
L9950
10/23
4
FUNCTIONAL DESCRIPTION OF THE SPI
4.1
Serial Peripheral Interface (SPI)
This device uses a standard SPI to communicate with a microcontroller. The SPI can be driven by a mi-
crocontroller with its SPI peripheral running in following mode: CPOL = 0 and CPHA = 0.
For this mode, input data is sampled by the low to high transition of the clock CLK, and output data is
changed from the high to low transition of CLK.
This device is not limited to microcontroller with a build-in SPI. Only three CMOS-compatible output pins
and one input pin will be needed to communicate with the device. A fault condition can be detected by
setting CSN to low. If CSN = 0, the DO-pin will reflect the status bit 0 (fault condition) of the device which
is a logical-or of all bits in the status registers 0 and 1. The microcontroller can poll the status of the device
without the need of a full SPI-communication cycle.
Note:
In contrast to the SPI-standard the least significant bit (LSB) will be transferred first (see FIGURE 6).
4.2
Chip Select Not (CSN)
The input pin is used to select the serial interface of this device. When CSN is high, the output pin (DO)
will be in high impedance state. A low signal will activate the output driver and a serial communication can
be started. The state when CSN is going low until the rising edge of CSN will be called a communication
frame. If the CSN-input pin is driven above 7.5V, the L9950 will go into a test mode. In the test mode the
DO will go from tri-state to active mode.
IOLD23
open load detection current of
OUT2, OUT3
15
40
60
mA
IOLD45
open load detection current of
OUT4 and OUT5
60
150
300
mA
IOLD6
open load detection current of
OUT6
30
70
150
mA
IOLD78910
open load detection current of
OUT7, OUT8, OUT9, OUT10
15
40
60
mA
IOLD11
open load detection current of
OUT11
30
150
300
mA
tdOL
minimum duration of open load
condition to set the status bit
500
3000
µs
tISC
minimum duration of over-current
condition to switch off the driver
10
100
µs
dVOUT16/dt
slew rate of OUT1,OUT6
VS =13.5 V
Iload = ±1.5 A
0.1
0.2
0.4
V/
µs
dVOUT23/dt,
dVOUT78910/dt
slew rate of OUT2/3 and OUT7-
OUT10
VS = 13.5 V
Iload = -0.8 A
0.09
0.2
0.4
V/
µs
dVOUT45/dt
slew rate of OUT4, OUT5
VS = 13.5 V
Iload = ±3.0 A
0.1
0.2
0.4
V/
µs
dVOUT11/dt
slew rate of OUT11
VS = 13.5 V
Iload = 3.0 A
0.1
0.2
0.4
V/
µs
Table 7. ELECTRICAL CHARACTERISTICS (continued)
(VS = 8 to 16V, VCC = 4.5 to 5.3V, Tj = - 40 to 150 °C, unless otherwise specified. The voltages are
referred to GND and currents are assumed positive, when the current flows into the pin)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com