Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 175 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 175 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 171Page - Texas Instruments PCI7621 Datasheet HTML 172Page - Texas Instruments PCI7621 Datasheet HTML 173Page - Texas Instruments PCI7621 Datasheet HTML 174Page - Texas Instruments PCI7621 Datasheet HTML 175Page - Texas Instruments PCI7621 Datasheet HTML 176Page - Texas Instruments PCI7621 Datasheet HTML 177Page - Texas Instruments PCI7621 Datasheet HTML 178Page - Texas Instruments PCI7621 Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 298 page
background image
7−15
7.22 PCI PHY Control Register
The PCI PHY control register provides a method for enabling the PHY CNA output. See Table 7−19 for a complete
description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
PCI PHY control
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PCI PHY control
Type
R
R
R
R
R
R
R
R
RW
R
R
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
Register:
PCI PHY control
Offset:
ECh
Type:
Read/Write, Read-only
Default:
0000 0008h
Table 7−19. PCI PHY Control Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−8
RSVD
R
Reserved. Bits 31−8 return 0s when read.
7 ‡
CNAOUT
RW
When bit 7 is set to 1, the PHY CNA output is routed to terminal P18. When implementing a serial
EEPROM, this bit is loaded via the serial EEPROM as defined by Table 3−9 and must be 1 for normal
operation.
6−5
RSVD
R
Reserved. Bits 6−5 return 0s when read. These bits must be 0s for normal operation.
4 ‡
PHYRST
RW
PHY reset. This bit controls the RST input to the PHY. When bit 4 is set, the PHY reset is asserted.
The default value is 0. This bit must be 0 for normal operation.
3 ‡
RSVD
RW
Reserved. Bit 3 defaults to 1 to indicate compliance with IEEE Std 1394a-2000. This bit is loaded via
the serial EEPROM as defined by Table 3−9 and must be 1 for normal operation.
2 ‡
PD
RW
This bit controls the power-down input to the PHY. When bit 2 is set, the PHY is in the power-down
mode and enters the ULP mode if the LPS is disabled. If PD is asserted, then a reset to the physical
layer must be initiated via bit 4 (PHYRST) after PD is cleared. The default value is 0. This bit must
be 0 for normal operation.
1−0 ‡
RSVD
RW
Reserved. Bits 1−0 return 0s when read. These bits are affected when implementing a serial
EEPROM; thus, bits 1−0 are loaded via the serial EEPROM as defined by Table 3−9 and must be
0s for normal operation.
‡ These bits are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com