Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 178 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 178 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 174Page - Texas Instruments PCI7621 Datasheet HTML 175Page - Texas Instruments PCI7621 Datasheet HTML 176Page - Texas Instruments PCI7621 Datasheet HTML 177Page - Texas Instruments PCI7621 Datasheet HTML 178Page - Texas Instruments PCI7621 Datasheet HTML 179Page - Texas Instruments PCI7621 Datasheet HTML 180Page - Texas Instruments PCI7621 Datasheet HTML 181Page - Texas Instruments PCI7621 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 298 page
background image
7−18
Table 7−21. Link Enhancement Control Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
11
RSVD
R
Reserved. Bit 11 returns 0 when read.
10 ‡
enab_mpeg_ts
RW
Enable MPEG CIP timestamp enhancement. When bit 9 is set to 1, the enhancement is enabled for
MPEG CIP transmit streams (FMT = 20h). The default value for this bit is 0.
9
RSVD
R
Reserved. Bit 9 returns 0 when read.
8 ‡
enab_dv_ts
RW
Enable DV CIP timestamp enhancement. When bit 8 is set to 1, the enhancement is enabled for DV
CIP transmit streams (FMT = 00h). The default value for this bit is 0.
7 ‡
enab_unfair
RW
Enable asynchronous priority requests. OHCI-Lynx
 compatible. Setting bit 7 to 1 enables the link to
respond to requests with priority arbitration. It is recommended that this bit be set to 1. The default value
for this bit is 0.
6
RSVD
R
This bit is not assigned in the PCI7x21/PCI7x11 follow-on products, because this bit location loaded
by the serial EEPROM from the enhancements field corresponds to bit 23 (programPhyEnable) in the
host controller control register at OHCI offset 50h/54h (see Section 8.16).
5−3
RSVD
R
Reserved. Bits 5−3 return 0s when read.
2 ‡
RSVD
R
Reserved. Bit 2 returns 0 when read.
1 ‡
enab_accel
RW
Enable acceleration enhancements. OHCI-Lynx
 compatible. When bit 1 is set to 1, the PHY layer
is notified that the link supports the IEEE Std 1394a-2000 acceleration enhancements, that is,
ack-accelerated, fly-by concatenation, etc. It is recommended that this bit be set to 1. The default value
for this bit is 0.
0
RSVD
R
Reserved. Bit 0 returns 0 when read.
‡ This bit is cleared only by the assertion of GRST.
7.25 Subsystem Access Register
Write access to the subsystem access register updates the subsystem identification registers identically to
OHCI-Lynx
. The system ID value written to this register may also be read back from this register. See Table 7−22
for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Subsystem access
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem access
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem access
Offset:
F8h
Type:
Read/Write
Default:
0000 0000h
Table 7−22. Subsystem Access Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−16 ‡
SUBDEV_ID
RW
Subsystem device ID alias. This field indicates the subsystem device ID.
15−0 ‡
SUBVEN_ID
RW
Subsystem vendor ID alias. This field indicates the subsystem vendor ID.
‡ These bits are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com