Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 179 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 179 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 175Page - Texas Instruments PCI7621 Datasheet HTML 176Page - Texas Instruments PCI7621 Datasheet HTML 177Page - Texas Instruments PCI7621 Datasheet HTML 178Page - Texas Instruments PCI7621 Datasheet HTML 179Page - Texas Instruments PCI7621 Datasheet HTML 180Page - Texas Instruments PCI7621 Datasheet HTML 181Page - Texas Instruments PCI7621 Datasheet HTML 182Page - Texas Instruments PCI7621 Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 298 page
background image
7−19
7.26 GPIO Control Register
The GPIO control register has the control and status bits for GPIO0, GPIO1, GPIO2, and GPIO3 ports. Upon reset,
GPIO0 and GPIO1 default to bus manager contender (BMC) and link power status terminals, respectively. The BMC
terminal can be configured as GPIO0 by setting bit 7 (DISABLE_BMC) to 1. The LPS terminal can be configured as
GPIO1 by setting bit 15 (DISABLE_LPS) to 1. See Table 7−23 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
GPIO control
Type
R
R
R/W
R/W
R
R
R
R/W
R
R
R/W
R/W
R
R
R
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
GPIO control
Type
R/W
R
R/W
R/W
R
R
R
R/W
R/W
R
R/W
R/W
R
R
R
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
GPIO control
Type:
Read-only, Read/Write
Offset:
FCh
Default:
0000 0000h
Table 7−23. GPIO Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−30
RSVD
R
Reserved. Bits 31 and 30 return 0s when read.
29
GPIO_INV3
R/W
GPIO3 polarity invert. This bit controls the input/output polarity control of GPIO3.
0 = Noninverted (default)
1 = Inverted
28
GPIO_ENB3
R/W
GPIO3 enable control. This bit controls the output enable for GPIO3.
0 = High-impedance output (default)
1 = Output is enabled
27−25
RSVD
R
Reserved. Bits 27−25 return 0s when read.
24
GPIO_DATA3
R/W
GPIO3 data. When GPIO3 output is enabled, the value written to this bit represents the logical data
driven to the GPIO3 terminal.
23−22
RSVD
R
Reserved. Bits 23 and 22 return 0s when read.
21
GPIO_INV2
R/W
GPIO2 polarity invert. This bit controls the input/output polarity control of GPIO2.
0 = Noninverted (default)
1 = Inverted
20
GPIO_ENB2
R/W
GPIO2 enable control. This bit controls the output enable for GPIO2.
0 = High-impedance output (default)
1 = Output is enabled
19−17
RSVD
R
Reserved. Bits 19−17 return 0s when read.
16
GPIO_DATA2
R/W
GPIO2 data. When GPIO2 output is enabled, the value written to this bit represents the logical data
driven to the GPIO2 terminal.
15
DISABLE_LPS
R/W
Disable link power status (LPS). This bit configures this terminal as
0 = LPS (default)
1 = GPIO1
14
RSVD
R
Reserved. Bit 14 returns 0 when read.
13
GPIO_INV1
R/W
GPIO1 polarity invert. When bit 15 (DISABLE_LPS) is set to 1, this bit controls the input/output polarity
control of GPIO1.
0 = Noninverted (default)
1 = Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com