Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 176 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 176 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 172Page - Texas Instruments PCI7621 Datasheet HTML 173Page - Texas Instruments PCI7621 Datasheet HTML 174Page - Texas Instruments PCI7621 Datasheet HTML 175Page - Texas Instruments PCI7621 Datasheet HTML 176Page - Texas Instruments PCI7621 Datasheet HTML 177Page - Texas Instruments PCI7621 Datasheet HTML 178Page - Texas Instruments PCI7621 Datasheet HTML 179Page - Texas Instruments PCI7621 Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 298 page
background image
7−16
7.23 PCI Miscellaneous Configuration Register
The PCI miscellaneous configuration register provides miscellaneous PCI-related configuration. See Table 7−20 for
a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
PCI miscellaneous configuration
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PCI miscellaneous configuration
Type
RW
R
RW
R
RW
RW
RW
RW
R
R
R
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
PCI miscellaneous configuration
Offset:
F0h
Type:
Read/Write, Read-only
Default:
0000 0000h
Table 7−20. PCI Miscellaneous Configuration Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−16
RSVD
R
Reserved. Bits 31−16 return 0s when read.
15 ‡
PME_D3COLD
RW
PME support from D3cold. This bit programs bit 15 (PME_D3COLD) in the power management
capabilities register at offset 46h in the PCI configuration space (see Section 7.19).
14−12
RSVD
R
Reserved. Bits 14−12 return 0s when read.
11 ‡
PCI2_3_EN
RW
PCI 2.3 Enable. The PCI7x21/PCI7x11 1394 OHCI function always conforms to the PCI 2.3
specification. Therefore, this bit is tied to 0.
10 ‡
ignore_mstrIntEna
_for_pme
RW
Ignore IntMask.msterIntEnable bit for PME generation. When set, this bit causes the PME generation
behavior to be changed as described in Section 3.8. When set, this bit also causes bit 26 of the OHCI
vendor ID register at OHCI offset 40h (see Section 8.15) to read 1; otherwise, bit 26 reads 0.
0 = PME behavior generated from unmasked interrupt bits and IntMask.masterIntEnable bit
(default)
1 = PME generation does not depend on the value of IntMask.masterIntEnable
9−8 ‡
MR_ENHANCE
RW
This field selects the read command behavior of the PCI master for read transactions of greater than
two data phases. For read transactions of one or two data phases, a memory read command is used.
The default of this field is 00. This register is loaded by the serial EEPROM word 12, bits 1−0.
00 = Memory read line (default)
01 = Memory read
10 = Memory read multiple
11 = Reserved, behavior reverts to default
7−6
RSVD
R
Reserved. Bits 7−6 return 0s when read.
5 ‡
RSVD
R
Reserved. Bit 5 returns 0 when read.
4 ‡
DIS_TGT_ABT
RW
Bit 4 defaults to 0, which provides OHCI-Lynx
 compatible target abort signaling. When this bit is
set to 1, it enables the no-target-abort mode, in which the PCI7x21/PCI7x11 controller returns
indeterminate data instead of signaling target abort.
The PCI7x21/PCI7x11 LLC is divided into the PCLK and SCLK domains. If software tries to access
registers in the link that are not active because the SCLK is disabled, then a target abort is issued
by the link. On some systems, this can cause a problem resulting in a fatal system error. Enabling
this bit allows the link to respond to these types of requests by returning FFh.
It is recommended that this bit be cleared to 0.
3 ‡
GP2IIC
RW
When bit 3 is set to 1, the GPIO3 and GPIO2 signals are internally routed to the SCL and SDA,
respectively. The GPIO3 and GPIO2 terminals are also placed in the high-impedance state.
2 ‡
DISABLE_
SCLKGATE
RW
When bit 2 is set to 1, the internal SCLK runs identically with the chip input. This is a test feature only
and must be cleared to 0 (all applications).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com