Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 180 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 180 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 176Page - Texas Instruments PCI7621 Datasheet HTML 177Page - Texas Instruments PCI7621 Datasheet HTML 178Page - Texas Instruments PCI7621 Datasheet HTML 179Page - Texas Instruments PCI7621 Datasheet HTML 180Page - Texas Instruments PCI7621 Datasheet HTML 181Page - Texas Instruments PCI7621 Datasheet HTML 182Page - Texas Instruments PCI7621 Datasheet HTML 183Page - Texas Instruments PCI7621 Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 298 page
background image
7−20
Table 7−23. GPIO Control Register Description (Continued)
BIT
SIGNAL
TYPE
FUNCTION
12
GPIO_ENB1
R/W
GPIO1 enable control. When bit 15 (DISABLE_LPS) is set to 1, this bit controls the output enable for
GPIO1.
0 = High-impedance output (default)
1 = Output is enabled
11−9
RSVD
R
Reserved. Bits 11−9 return 0s when read.
8
GPIO_DATA1
R/W
GPIO1 data. When bit 15 (DISABLE_LPS) is set to 1 and GPIO1 output is enabled, the value written to
this bit represents the logical data driven to the GPIO1 terminal.
7
DISABLE_BMC
R/W
Disable bus manager contender (BMC). This bit configures this terminal as bus manager contender or
GPIO0.
0 = BMC (default)
1 = GPIO0
6
RSVD
R
Reserved. Bit 6 returns 0 when read.
5
GPIO_INV0
R/W
GPIO0 polarity invert. When bit 7 (DISABLE_BMC) is set to 1, this bit controls the input/output polarity
control for GPIO0.
0 = Noninverted (default)
1 = Inverted
4
GPIO_ENB0
R/W
GPIO0 enable control. When bit 7 (DISABLE_BMC) is set to 1, this bit controls the output enable for
GPIO0.
0 = High-impedance output (default)
1 = Output is enabled
3−1
RSVD
R
Reserved. Bits 3−1 return 0s when read.
0
GPIO_DATA0
R/W
GPIO0 data. When bit 7 (DISABLE_BMC) is set to 1 and GPIO0 output is enabled, the value written to
this bit represents the logical data driven to the GPIO0 terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com