Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 181 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 181 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 177Page - Texas Instruments PCI7621 Datasheet HTML 178Page - Texas Instruments PCI7621 Datasheet HTML 179Page - Texas Instruments PCI7621 Datasheet HTML 180Page - Texas Instruments PCI7621 Datasheet HTML 181Page - Texas Instruments PCI7621 Datasheet HTML 182Page - Texas Instruments PCI7621 Datasheet HTML 183Page - Texas Instruments PCI7621 Datasheet HTML 184Page - Texas Instruments PCI7621 Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 298 page
background image
8−1
8 OHCI Registers
The OHCI registers defined by the 1394 Open Host Controller Interface Specification are memory-mapped into a
2K-byte region of memory pointed to by the OHCI base address register at offset 10h in PCI configuration space (see
Section 7.8). These registers are the primary interface for controlling the PCI7x21/PCI7x11 IEEE 1394 link function.
This section provides the register interface and bit descriptions. Several set/clear register pairs in this programming
model are implemented to solve various issues with typical read-modify-write control registers. There are two
addresses for a set/clear register: RegisterSet and RegisterClear. See Table 8−1 for a register listing. A 1 bit written
to RegisterSet causes the corresponding bit in the set/clear register to be set to 1; a 0 bit leaves the corresponding
bit unaffected. A 1 bit written to RegisterClear causes the corresponding bit in the set/clear register to be cleared;
a 0 bit leaves the corresponding bit in the set/clear register unaffected.
Typically, a read from either RegisterSet or RegisterClear returns the contents of the set or clear register, respectively.
However, sometimes reading the RegisterClear provides a masked version of the set or clear register. The interrupt
event register is an example of this behavior.
Table 8−1. OHCI Register Map
DMA CONTEXT
REGISTER NAME
ABBREVIATION
OFFSET
—
OHCI version
Version
00h
GUID ROM
GUID_ROM
04h
Asynchronous transmit retries
ATRetries
08h
CSR data
CSRData
0Ch
CSR compare
CSRCompareData
10h
CSR control
CSRControl
14h
Configuration ROM header
ConfigROMhdr
18h
Bus identification
BusID
1Ch
Bus options ‡
BusOptions
20h
GUID high ‡
GUIDHi
24h
GUID low ‡
GUIDLo
28h
Reserved
—
2Ch−30h
Configuration ROM mapping
ConfigROMmap
34h
Posted write address low
PostedWriteAddressLo
38h
Posted write address high
PostedWriteAddressHi
3Ch
Vendor ID
VendorID
40h
Reserved
—
44h−4Ch
Host controller control ‡
HCControlSet
50h
Host controller control ‡
HCControlClr
54h
Reserved
—
58h−5Ch
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com