Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 184 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 184 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 180Page - Texas Instruments PCI7621 Datasheet HTML 181Page - Texas Instruments PCI7621 Datasheet HTML 182Page - Texas Instruments PCI7621 Datasheet HTML 183Page - Texas Instruments PCI7621 Datasheet HTML 184Page - Texas Instruments PCI7621 Datasheet HTML 185Page - Texas Instruments PCI7621 Datasheet HTML 186Page - Texas Instruments PCI7621 Datasheet HTML 187Page - Texas Instruments PCI7621 Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 298 page
background image
8−4
8.1
OHCI Version Register
The OHCI version register indicates the OHCI version support and whether or not the serial EEPROM is present. See
Table 8−2 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
OHCI version
Type
R
R
R
R
R
R
R
RU
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
X
0
0
0
0
0
0
0
1
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
OHCI version
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
Register:
OHCI version
Offset:
00h
Type:
Read-only
Default:
0X01 0010h
Table 8−2. OHCI Version Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−25
RSVD
R
Reserved. Bits 31−25 return 0s when read.
24 ‡
GUID_ROM
RU
The PCI7x21/PCI7x11 controller sets bit 24 to 1 if the serial EEPROM is detected. If the serial
EEPROM is present, then the Bus_Info_Block is automatically loaded on system (hardware) reset.
The default value for this bit is 0.
23−16
version
R
Major version of the OHCI. The PCI7x21/PCI7x11 controller is compliant with the 1394 Open Host
Controller Interface Specification (Release 1.1); thus, this field reads 01h.
15−8
RSVD
R
Reserved. Bits 15−8 return 0s when read.
7−0
revision
R
Minor version of the OHCI. The PCI7x21/PCI7x11 controller is compliant with the 1394 Open Host
Controller Interface Specification (Release 1.1); thus, this field reads 10h.
‡ This bit is cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com