Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 183 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 183 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 179Page - Texas Instruments PCI7621 Datasheet HTML 180Page - Texas Instruments PCI7621 Datasheet HTML 181Page - Texas Instruments PCI7621 Datasheet HTML 182Page - Texas Instruments PCI7621 Datasheet HTML 183Page - Texas Instruments PCI7621 Datasheet HTML 184Page - Texas Instruments PCI7621 Datasheet HTML 185Page - Texas Instruments PCI7621 Datasheet HTML 186Page - Texas Instruments PCI7621 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 298 page
background image
8−3
Table 8−1. OHCI Register Map (Continued)
DMA CONTEXT
REGISTER NAME
ABBREVIATION
OFFSET
Asynchronous context control
ContextControlSet
180h
Asynchronous
Asynchronous context control
ContextControlClear
184h
Asynchronous
Request Transmit
Reserved
—
188h
Request Transmit
[ ATRQ ]
Asynchronous context command pointer
CommandPtr
18Ch
[ ATRQ ]
Reserved
—
190h−19Ch
Asynchronous context control
ContextControlSet
1A0h
Asynchronous
Asynchronous context control
ContextControlClear
1A4h
Asynchronous
Response Transmit
Reserved
—
1A8h
Response Transmit
[ ATRS ]
Asynchronous context command pointer
CommandPtr
1ACh
[ ATRS ]
Reserved
—
1B0h−1BCh
Asynchronous context control
ContextControlSet
1C0h
Asynchronous
Asynchronous context control
ContextControlClear
1C4h
Asynchronous
Request Receive
Reserved
—
1C8h
Request Receive
[ ARRQ ]
Asynchronous context command pointer
CommandPtr
1CCh
[ ARRQ ]
Reserved
—
1D0h−1DCh
Asynchronous context control
ContextControlSet
1E0h
Asynchronous
Asynchronous context control
ContextControlClear
1E4h
Asynchronous
Response Receive
Reserved
—
1E8h
Response Receive
[ ARRS ]
Asynchronous context command pointer
CommandPtr
1ECh
[ ARRS ]
Reserved
—
1F0h−1FCh
Isochronous transmit context control
ContextControlSet
200h + 16*n
Isochronous
Isochronous transmit context control
ContextControlClear
204h + 16*n
Isochronous
Transmit Context n
Reserved
—
208h + 16*n
Transmit Context n
n = 0, 1, 2, 3,
…, 7
Isochronous transmit context command
pointer
CommandPtr
20Ch + 16*n
Reserved
—
210h−3FCh
Isochronous receive context control
ContextControlSet
400h + 32*n
Isochronous
Isochronous receive context control
ContextControlClear
404h + 32*n
Isochronous
Receive Context n
Reserved
—
408h + 32*n
Receive Context n
n = 0, 1, 2, 3
Isochronous receive context command
pointer
CommandPtr
40Ch + 32*n
Isochronous receive context match
ContextMatch
410h + 32*n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com