Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 155 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 155 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 151Page - Texas Instruments PCI7421 Datasheet HTML 152Page - Texas Instruments PCI7421 Datasheet HTML 153Page - Texas Instruments PCI7421 Datasheet HTML 154Page - Texas Instruments PCI7421 Datasheet HTML 155Page - Texas Instruments PCI7421 Datasheet HTML 156Page - Texas Instruments PCI7421 Datasheet HTML 157Page - Texas Instruments PCI7421 Datasheet HTML 158Page - Texas Instruments PCI7421 Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 298 page
background image
6−3
6.2
Socket Mask Register
This register allows software to control the CardBus card events which generate a status change interrupt. The state
of these mask bits does not prevent the corresponding bits from reacting in the socket event register (offset 00h, see
Section 6.1). See Table 6−3 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Socket mask
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Socket mask
Type
R
R
R
R
R
R
R
R
R
R
R
R
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Socket mask
Offset:
CardBus Socket Address + 04h
Type:
Read-only, Read/Write
Default:
0000 0000h
Table 6−3. Socket Mask Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−4
RSVD
R
These bits return 0s when read.
3†
PWRMASK
RW
Power cycle. This bit masks the PWRCYCLE bit in the socket present state register (offset 08h, see
Section 6.3) from causing a status change interrupt.
0 = PWRCYCLE event does not cause a CSC interrupt (default).
1 = PWRCYCLE event causes a CSC interrupt.
2−1†
CDMASK
RW
Card detect mask. These bits mask the CDETECT1 and CDETECT2 bits in the socket present state
register (offset 08h, see Section 6.3) from causing a CSC interrupt.
00 = Insertion/removal does not cause a CSC interrupt (default).
01 = Reserved (undefined)
10 = Reserved (undefined)
11 = Insertion/removal causes a CSC interrupt.
0†
CSTSMASK
RW
CSTSCHG mask. This bit masks the CARDSTS field in the socket present state register (offset 08h, see
Section 6.3) from causing a CSC interrupt.
0 = CARDSTS event does not cause a CSC interrupt (default).
1 = CARDSTS event causes a CSC interrupt.
† This bit is cleared only by the assertion of GRST when PME is enabled. If PME is not enabled, then this bit is cleared by the assertion of PRST
or GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com