Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 159 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 159 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 155Page - Texas Instruments PCI7421 Datasheet HTML 156Page - Texas Instruments PCI7421 Datasheet HTML 157Page - Texas Instruments PCI7421 Datasheet HTML 158Page - Texas Instruments PCI7421 Datasheet HTML 159Page - Texas Instruments PCI7421 Datasheet HTML 160Page - Texas Instruments PCI7421 Datasheet HTML 161Page - Texas Instruments PCI7421 Datasheet HTML 162Page - Texas Instruments PCI7421 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 298 page
background image
6−7
6.5
Socket Control Register
This register provides control of the voltages applied to the socket VPP and VCC. The PCI7x21/PCI7x11 controller
ensures that the socket is powered up only at acceptable voltages when a CardBus card is inserted. See Table 6−6
for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Socket control
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Socket control
Type
R
R
R
R
R
R
RW
R
RW
RW
RW
RW
R
RW
RW
RW
Default
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
Register:
Socket control
Offset:
CardBus Socket Address + 10h
Type:
Read-only, Read/Write
Default:
0000 0400h
Table 6−6. Socket Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−11
RSVD
R
These bits return 0s when read.
10
RSVD
R
This bit returns 1 when read.
9−8
RSVD
R
These bits return 0s when read.
7
STOPCLK
RW
This bit controls how the CardBus clock run state machine decides when to stop the CardBus clock
to the CardBus card:
0 = The CardBus CLKRUN protocol can only attempt to stop/slow the CaredBus clock if the
sockethas been idle for 8 clocks and the PCI CLKRUN protocol is preparing to stop/slow the
PCI bus clock.
1 = The CardBus CLKRUN protocol can only attempt to stop/slow the CaredBus clock if the
socket has been idle for 8 clocks, regardless of the state of the PCI CLKRUN signal.
6−4 †
VCCCTRL
RW
VCC control. These bits are used to request card VCC changes.
000 = Request power off (default)
100 = Request VCC = X.X V
001 = Reserved
101 = Request VCC = Y.Y V
010 = Request VCC = 5 V
110 = Reserved
011 = Request VCC = 3.3 V
111 = Reserved
3
RSVD
R
This bit returns 0 when read.
2−0 †
VPPCTRL
RW
VPP control. These bits are used to request card VPP changes.
000 = Request power off (default)
100 = Request VPP = X.X V
001 = Request VPP = 12 V
101 = Request VPP = Y.Y V
010 = Request VPP = 5 V
110 = Reserved
011 = Request VPP = 3.3 V
111 = Reserved
† One or more bits in the register are PME context bits and can be cleared only by the assertion of GRST when PME is enabled. If PME is not
enabled, then this bit is cleared by the assertion of PRST or GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com