Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 156 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 156 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 152Page - Texas Instruments PCI7421 Datasheet HTML 153Page - Texas Instruments PCI7421 Datasheet HTML 154Page - Texas Instruments PCI7421 Datasheet HTML 155Page - Texas Instruments PCI7421 Datasheet HTML 156Page - Texas Instruments PCI7421 Datasheet HTML 157Page - Texas Instruments PCI7421 Datasheet HTML 158Page - Texas Instruments PCI7421 Datasheet HTML 159Page - Texas Instruments PCI7421 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 298 page
background image
6−4
6.3
Socket Present State Register
This register reports information about the socket interface. Writes to the socket force event register (offset 0Ch, see
Section 6.4), as well as general socket interface status, are reflected here. Information about PC Card VCC support
and card type is only updated at each insertion. Also note that the PCI7x21/PCI7x11 controller uses the CCD1 and
CCD2 signals during card identification, and changes on these signals during this operation are not reflected in this
register.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Socket present state
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Socket present state
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
X
0
0
0
X
X
X
Register:
Socket present state
Offset:
CardBus Socket Address + 08h
Type:
Read-only
Default:
3000 00XXh
Table 6−4. Socket Present State Register Description
BIT
SIGNAL
TYPE
FUNCTION
31
YVSOCKET
R
YV socket. This bit indicates whether or not the socket can supply VCC = Y.Y V to PC Cards. The
PCI7x21/PCI7x11 controller does not support Y.Y-V VCC; therefore, this bit is always reset unless
overridden by the socket force event register (offset 0Ch, see Section 6.4). This bit defaults to 0.
30
XVSOCKET
R
XV socket. This bit indicates whether or not the socket can supply VCC = X.X V to PC Cards. The
PCI7x21/PCI7x11 controller does not support X.X-V VCC; therefore, this bit is always reset unless
overridden by the socket force event register (offset 0Ch, see Section 6.4). This bit defaults to 0.
29
3VSOCKET
R
3-V socket. This bit indicates whether or not the socket can supply VCC = 3.3 Vdc to PC Cards. The
PCI7x21/PCI7x11 controller does support 3.3-V VCC; therefore, this bit is always set unless overridden
by the socket force event register (offset 0Ch, see Section 6.4).
28
5VSOCKET
R
5-V socket. This bit indicates whether or not the socket can supply VCC = 5 Vdc to PC Cards. The
PCI7x21/PCI7x11 controller does support 5-V VCC; therefore, this bit is always set unless overridden
by bit 6 of the device control register (PCI offset 92h, see Section 4.39).
27−14
RSVD
R
These bits return 0s when read.
13 †
YVCARD
R
YV card. This bit indicates whether or not the PC Card inserted in the socket supports VCC = Y.Y Vdc.
This bit can be set by writing a 1 to the corresponding bit in the socket force event register (offset 0Ch,
see Section 6.4).
12 †
XVCARD
R
XV card. This bit indicates whether or not the PC Card inserted in the socket supports VCC = X.X Vdc.
This bit can be set by writing a 1 to the corresponding bit in the socket force event register (offset 0Ch,
see Section 6.4).
11 †
3VCARD
R
3-V card. This bit indicates whether or not the PC Card inserted in the socket supports VCC = 3.3 Vdc.
This bit can be set by writing a 1 to the corresponding bit in the socket force event register (offset 0Ch,
see Section 6.4).
10 †
5VCARD
R
5-V card. This bit indicates whether or not the PC Card inserted in the socket supports VCC = 5 Vdc.
This bit can be set by writing a 1 to the corresponding bit in the socket force event register (offset 0Ch,
see Section 6.4).
† One or more bits in the register are PME context bits and can be cleared only by the assertion of GRST when PME is enabled. If PME is not
enabled, then these bits are cleared by the assertion of PRST or GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com