Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 162 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 162 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 158Page - Texas Instruments PCI7421 Datasheet HTML 159Page - Texas Instruments PCI7421 Datasheet HTML 160Page - Texas Instruments PCI7421 Datasheet HTML 161Page - Texas Instruments PCI7421 Datasheet HTML 162Page - Texas Instruments PCI7421 Datasheet HTML 163Page - Texas Instruments PCI7421 Datasheet HTML 164Page - Texas Instruments PCI7421 Datasheet HTML 165Page - Texas Instruments PCI7421 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 298 page
background image
7−2
7.1
Vendor ID Register
The vendor ID register contains a value allocated by the PCI SIG and identifies the manufacturer of the PCI device.
The vendor ID assigned to Texas Instruments is 104Ch.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
Register:
Vendor ID
Offset:
00h
Type:
Read-only
Default:
104Ch
7.2
Device ID Register
The device ID register contains a value assigned to the PCI7x21/PCI7x11 controller by Texas Instruments. The device
identification for the PCI7x21/PCI7x11 controller is 8032h.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Device ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
0
0
0
0
0
0
0
0
0
1
1
0
0
1
0
Register:
Device ID
Offset:
02h
Type:
Read-only
Default:
8032h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com