Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 164 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 164 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 160Page - Texas Instruments PCI7421 Datasheet HTML 161Page - Texas Instruments PCI7421 Datasheet HTML 162Page - Texas Instruments PCI7421 Datasheet HTML 163Page - Texas Instruments PCI7421 Datasheet HTML 164Page - Texas Instruments PCI7421 Datasheet HTML 165Page - Texas Instruments PCI7421 Datasheet HTML 166Page - Texas Instruments PCI7421 Datasheet HTML 167Page - Texas Instruments PCI7421 Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 298 page
background image
7−4
7.4
Status Register
The status register provides status over the PCI7x21/PCI7x11 interface to the PCI bus. All bit functions adhere to the
definitions in the PCI Local Bus Specification, as seen in the following bit descriptions. See Table 7−3 for a complete
description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Status
Type
RCU
RCU
RCU
RCU
RCU
R
R
RCU
R
R
R
R
RU
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
Register:
Status
Offset:
06h
Type:
Read/Clear/Update, Read-only
Default:
0210h
Table 7−3. Status Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15
PAR_ERR
RCU
Detected parity error. Bit 15 is set to 1 when either an address parity or data parity error is detected.
14
SYS_ERR
RCU
Signaled system error. Bit 14 is set to 1 when SERR is enabled and the PCI7x21/PCI7x11 controller
has signaled a system error to the host.
13
MABORT
RCU
Received master abort. Bit 13 is set to 1 when a cycle initiated by the PCI7x21/PCI7x11 controller on
the PCI bus has been terminated by a master abort.
12
TABORT_REC
RCU
Received target abort. Bit 12 is set to 1 when a cycle initiated by the PCI7x21/PCI7x11 controller on
the PCI bus was terminated by a target abort.
11
TABORT_SIG
RCU
Signaled target abort. Bit 11 is set to 1 by the PCI7x21/PCI7x11 controller when it terminates a
transaction on the PCI bus with a target abort.
10−9
PCI_SPEED
R
DEVSEL timing. Bits 10 and 9 encode the timing of DEVSEL and are hardwired to 01b, indicating that
the PCI7x21/PCI7x11 controller asserts this signal at a medium speed on nonconfiguration cycle
accesses.
8
DATAPAR
RCU
Data parity error detected. Bit 8 is set to 1 when the following conditions have been met:
a. PERR was asserted by any PCI device including the PCI7x21/PCI7x11 controller.
b. The PCI7x21/PCI7x11 controller was the bus master during the data parity error.
c. Bit 6 (PERR_EN) in the command register at offset 04h in the PCI configuration space
(see Section 7.3) is set to 1.
7
FBB_CAP
R
Fast back-to-back capable. The PCI7x21/PCI7x11 controller cannot accept fast back-to-back
transactions; therefore, bit 7 is hardwired to 0.
6
UDF
R
User-definable features (UDF) supported. The PCI7x21/PCI7x11 controller does not support the UDF;
therefore, bit 6 is hardwired to 0.
5
66MHZ
R
66-MHz capable. The PCI7x21/PCI7x11 controller operates at a maximum PCLK frequency of 33
MHz; therefore, bit 5 is hardwired to 0.
4
CAPLIST
R
Capabilities list. Bit 4 returns 1 when read, indicating that capabilities additional to standard PCI are
implemented. The linked list of PCI power-management capabilities is implemented in this function.
3
INT_STATUS
RU
Interrupt status. This bit reflects the interrupt status of the function. Only when bit 10 (INT_DISABLE)
in the command register (see Section 7.3) is a 0 and this bit is 1, is the function’s INTx signal asserted.
Setting the INT_DISABLE bit to 1 has no effect on the state of this bit.
2−0
RSVD
R
Reserved. Bits 3−0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com