Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 167 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 167 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 163Page - Texas Instruments PCI7421 Datasheet HTML 164Page - Texas Instruments PCI7421 Datasheet HTML 165Page - Texas Instruments PCI7421 Datasheet HTML 166Page - Texas Instruments PCI7421 Datasheet HTML 167Page - Texas Instruments PCI7421 Datasheet HTML 168Page - Texas Instruments PCI7421 Datasheet HTML 169Page - Texas Instruments PCI7421 Datasheet HTML 170Page - Texas Instruments PCI7421 Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 298 page
background image
7−7
7.9
TI Extension Base Address Register
The TI extension base address register is programmed with a base address referencing the memory-mapped TI
extension registers. When BIOS writes all 1s to this register, the value read back is FFFF C000h, indicating that at
least 16K bytes of memory address space are required for the TI registers. See Table 7−8 for a complete description
of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
TI extension base address
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
TI extension base address
Type
RW
RW
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
TI extension base address
Offset:
14h
Type:
Read/Write, Read-only
Default:
0000 0000h
Table 7−8. TI Base Address Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−14
TIREG_PTR
RW
TI register pointer. This field specifies the upper 18 bits of the 32-bit TI base address register. The
default value for this field is all 0s.
13−4
TI_SZ
R
TI register size. This field returns 0s when read, indicating that the TI registers require a 16K-byte
region of memory.
3
TI_PF
R
TI register prefetch. Bit 3 returns 0 when read, indicating that the TI registers are nonprefetchable.
2−1
TI_MEMTYPE
R
TI memory type. This field returns 0s when read, indicating that the TI base address register is 32 bits
wide and mapping can be done anywhere in the 32-bit memory space.
0
TI_MEM
R
TI memory indicator. Bit 0 returns 0 when read, indicating that the TI registers are mapped into system
memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com