Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 174 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 174 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 170Page - Texas Instruments PCI7421 Datasheet HTML 171Page - Texas Instruments PCI7421 Datasheet HTML 172Page - Texas Instruments PCI7421 Datasheet HTML 173Page - Texas Instruments PCI7421 Datasheet HTML 174Page - Texas Instruments PCI7421 Datasheet HTML 175Page - Texas Instruments PCI7421 Datasheet HTML 176Page - Texas Instruments PCI7421 Datasheet HTML 177Page - Texas Instruments PCI7421 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 298 page
background image
7−14
7.20 Power Management Control and Status Register
The power management control and status register implements the control and status of the PCI power-management
function. This register is not affected by the internally generated reset caused by the transition from the D3hot to D0
state. See Table 7−17 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management control and status
Type
RWC
R
R
R
R
R
R
RW
R
R
R
R
R
R
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Power management control and status
Offset:
48h
Type:
Read/Clear, Read/Write, Read-only
Default:
0000h
Table 7−17. Power Management Control and Status Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15 ‡
PME_STS
RWC
Bit 15 is set to 1 when the PCI7x21/PCI7x11 controller normally asserts the PME signal independent
of the state of bit 8 (PME_ENB). This bit is cleared by a writeback of 1, which also clears the PME signal
driven by the PCI7x21/PCI7x11 controller. Writing a 0 to this bit has no effect.
14−13
DATA_SCALE
R
This field returns 0s, because the data register is not implemented.
12−9
DATA_SELECT
R
This field returns 0s, because the data register is not implemented.
8 ‡
PME_ENB
RW
When bit 8 is set to 1, PME assertion is enabled. When bit 8 is cleared, PME assertion is disabled. This
bit defaults to 0 if the function does not support PME generation from D3cold. If the function supports
PME from D3cold, then this bit is sticky and must be explicitly cleared by the operating system each
time it is initially loaded.
7−2
RSVD
R
Reserved. Bits 7−2 return 0s when read.
1−0 ‡
PWR_STATE
RW
Power state. This 2-bit field sets the PCI7x21/PCI7x11 controller power state and is encoded as
follows:
00 = Current power state is D0.
01 = Current power state is D1.
10 = Current power state is D2.
11 = Current power state is D3.
‡ These bits are cleared only by the assertion of GRST.
7.21 Power Management Extension Registers
The power management extension register provides extended power-management features not applicable to the
PCI7x21/PCI7x11 controller; thus, it is read-only and returns 0 when read. See Table 7−18 for a complete description
of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management extension
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Power management extension
Offset:
4Ah
Type:
Read-only
Default:
0000h
Table 7−18. Power Management Extension Registers Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15−0
RSVD
R
Reserved. Bits 15−0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com