Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 173 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 173 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 169Page - Texas Instruments PCI7421 Datasheet HTML 170Page - Texas Instruments PCI7421 Datasheet HTML 171Page - Texas Instruments PCI7421 Datasheet HTML 172Page - Texas Instruments PCI7421 Datasheet HTML 173Page - Texas Instruments PCI7421 Datasheet HTML 174Page - Texas Instruments PCI7421 Datasheet HTML 175Page - Texas Instruments PCI7421 Datasheet HTML 176Page - Texas Instruments PCI7421 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 298 page
background image
7−13
7.19 Power Management Capabilities Register
The power management capabilities register indicates the capabilities of the PCI7x21/PCI7x11 controller related to
PCI power management. See Table 7−16 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management capabilities
Type
RU
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
1
1
1
1
1
1
0
0
0
0
0
0
0
1
0
Register:
Power management capabilities
Offset:
46h
Type:
Read/Update, Read-only
Default:
7E02h
Table 7−16. Power Management Capabilities Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15
PME_D3COLD
RU
PME support from D3cold. This bit can be set to 1 or cleared to 0 via bit 15 (PME_D3COLD) in the PCI
miscellaneous configuration register at offset F0h in the PCI configuration space (see Section 7.23).
The PCI miscellaneous configuration register is loaded from ROM. When this bit is set to 1, it indicates
that the PCI7x21/PCI7x11 controller is capable of generating a PME wake event from D3cold. This bit
state is dependent upon the PCI7x21/PCI7x11 VAUX implementation and may be configured by using
bit 15 (PME_D3COLD) in the PCI miscellaneous configuration register (see Section 7.23).
14−11
PME_SUPPORT
R
PME support. This 4-bit field indicates the power states from which the PCI7x21/PCI7x11 controller
may assert PME. This field returns a value of 1111b by default, indicating that PME may be asserted
from the D3hot, D2, D1, and D0 power states.
10
D2_SUPPORT
R
D2 support. Bit 10 is hardwired to 1, indicating that the PCI7x21/PCI7x11 controller supports the D2
power state.
9
D1_SUPPORT
R
D1 support. Bit 9 is hardwired to 1, indicating that the PCI7x21/PCI7x11 controller supports the D1
power state.
8−6
AUX_CURRENT
R
Auxiliary current. This 3-bit field reports the 3.3-VAUX auxiliary current requirements. When bit 15
(PME_D3COLD) is cleared, this field returns 000b; otherwise, it returns 001b.
000b = Self-powered
001b = 55 mA (3.3-VAUX maximum current required)
5
DSI
R
Device-specific initialization. This bit returns 0 when read, indicating that the PCI7x21/PCI7x11
controller does not require special initialization beyond the standard PCI configuration header before
a generic class driver is able to use it.
4
RSVD
R
Reserved. Bit 4 returns 0 when read.
3
PME_CLK
R
PME clock. This bit returns 0 when read, indicating that no host bus clock is required for the
PCI7x21/PCI7x11 controller to generate PME.
2−0
PM_VERSION
R
Power-management version. This field returns 010b when read, indicating that the PCI7x21/PCI7x11
controller is compatible with the registers described in the PCI Bus Power Management Interface
Specification (Revision 1.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com