Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 172 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 172 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 168Page - Texas Instruments PCI7421 Datasheet HTML 169Page - Texas Instruments PCI7421 Datasheet HTML 170Page - Texas Instruments PCI7421 Datasheet HTML 171Page - Texas Instruments PCI7421 Datasheet HTML 172Page - Texas Instruments PCI7421 Datasheet HTML 173Page - Texas Instruments PCI7421 Datasheet HTML 174Page - Texas Instruments PCI7421 Datasheet HTML 175Page - Texas Instruments PCI7421 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 298 page
background image
7−12
7.18 Capability ID and Next Item Pointer Registers
The capability ID and next item pointer register identifies the linked-list capability item and provides a pointer to the
next capability item. See Table 7−15 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Capability ID and next item pointer
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Register:
Capability ID and next item pointer
Offset:
44h
Type:
Read-only
Default:
0001h
Table 7−15. Capability ID and Next Item Pointer Registers Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15−8
NEXT_ITEM
R
Next item pointer. The PCI7x21/PCI7x11 controller supports only one additional capability that is
communicated to the system through the extended capabilities list; therefore, this field returns 00h
when read.
7−0
CAPABILITY_ID
R
Capability identification. This field returns 01h when read, which is the unique ID assigned by the PCI
SIG for PCI power-management capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com