Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 192 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 192 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 188Page - Texas Instruments PCI7421 Datasheet HTML 189Page - Texas Instruments PCI7421 Datasheet HTML 190Page - Texas Instruments PCI7421 Datasheet HTML 191Page - Texas Instruments PCI7421 Datasheet HTML 192Page - Texas Instruments PCI7421 Datasheet HTML 193Page - Texas Instruments PCI7421 Datasheet HTML 194Page - Texas Instruments PCI7421 Datasheet HTML 195Page - Texas Instruments PCI7421 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 298 page
background image
8−12
8.14 Posted Write Address High Register
The posted write address high register communicates error information if a write request is posted and an error occurs
while writing the posted data packet. See Table 8−10 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Posted write address high
Type
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Posted write address high
Type
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
Posted write address high
Offset:
3Ch
Type:
Read/Update
Default:
XXXX XXXXh
Table 8−10. Posted Write Address High Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−16
sourceID
RU
This field is the 10-bit bus number (bits 31−22) and 6-bit node number (bits 21−16) of the node that
issued the write request that failed.
15−0
offsetHi
RU
The upper 16 bits of the 1394 destination offset of the write request that failed.
8.15 Vendor ID Register
The vendor ID register holds the company ID of an organization that specifies any vendor-unique registers. The
PCI7x21/PCI7x11 controller implements Texas Instruments unique behavior with regards to OHCI. Thus, this register
is read-only and returns 0108 0028h when read.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
1
0
1
0
0
0
Register:
Vendor ID
Offset:
40h
Type:
Read-only
Default:
0108 0028h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com