Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 188 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 188 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 184Page - Texas Instruments PCI7421 Datasheet HTML 185Page - Texas Instruments PCI7421 Datasheet HTML 186Page - Texas Instruments PCI7421 Datasheet HTML 187Page - Texas Instruments PCI7421 Datasheet HTML 188Page - Texas Instruments PCI7421 Datasheet HTML 189Page - Texas Instruments PCI7421 Datasheet HTML 190Page - Texas Instruments PCI7421 Datasheet HTML 191Page - Texas Instruments PCI7421 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 298 page
background image
8−8
8.7
Configuration ROM Header Register
The configuration ROM header register externally maps to the first quadlet of the 1394 configuration ROM, offset
FFFF F000 0400h. See Table 8−6 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Configuration ROM header
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Configuration ROM header
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
Configuration ROM header
Offset:
18h
Type:
Read/Write
Default:
0000 XXXXh
Table 8−6. Configuration ROM Header Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−24
info_length
RW
IEEE 1394 bus-management field. Must be valid when bit 17 (linkEnable) in the host controller control
register at OHCI offset 50h/54h (see Section 8.16) is set to 1. The default value for this field is 00h.
23−16
crc_length
RW
IEEE 1394 bus-management field. Must be valid when bit 17 (linkEnable) in the host controller control
register at OHCI offset 50h/54h (see Section 8.16) is set to 1. The default value for this field is 00h.
15−0
rom_crc_value
RW
IEEE 1394 bus-management field. Must be valid at any time bit 17 (linkEnable) in the host controller
control register at OHCI offset 50h/54h (see Section 8.16) is set to 1.
8.8
Bus Identification Register
The bus identification register externally maps to the first quadlet in the Bus_Info_Block and contains the constant
3133 3934h, which is the ASCII value of 1394.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Bus identification
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
1
1
0
0
0
1
0
0
1
1
0
0
1
1
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Bus identification
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
1
1
1
0
0
1
0
0
1
1
0
1
0
0
Register:
Bus identification
Offset:
1Ch
Type:
Read-only
Default:
3133 3934h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com