Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 186 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 186 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 182Page - Texas Instruments PCI7421 Datasheet HTML 183Page - Texas Instruments PCI7421 Datasheet HTML 184Page - Texas Instruments PCI7421 Datasheet HTML 185Page - Texas Instruments PCI7421 Datasheet HTML 186Page - Texas Instruments PCI7421 Datasheet HTML 187Page - Texas Instruments PCI7421 Datasheet HTML 188Page - Texas Instruments PCI7421 Datasheet HTML 189Page - Texas Instruments PCI7421 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 298 page
background image
8−6
8.3
Asynchronous Transmit Retries Register
The asynchronous transmit retries register indicates the number of times the PCI7x21/PCI7x11 controller attempts
a retry for asynchronous DMA request transmit and for asynchronous physical and DMA response transmit. See
Table 8−4 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Asynchronous transmit retries
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Asynchronous transmit retries
Type
R
R
R
R
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Asynchronous transmit retries
Offset:
08h
Type:
Read/Write, Read-only
Default:
0000 0000h
Table 8−4. Asynchronous Transmit Retries Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−29
secondLimit
R
The second limit field returns 0s when read, because outbound dual-phase retry is not
implemented.
28−16
cycleLimit
R
The cycle limit field returns 0s when read, because outbound dual-phase retry is not implemented.
15−12
RSVD
R
Reserved. Bits 15−12 return 0s when read.
11−8
maxPhysRespRetries
RW
This field tells the physical response unit how many times to attempt to retry the transmit operation
for the response packet when a busy acknowledge or ack_data_error is received from the target
node. The default value for this field is 0h.
7−4
maxATRespRetries
RW
This field tells the asynchronous transmit response unit how many times to attempt to retry the
transmit operation for the response packet when a busy acknowledge or ack_data_error is
received from the target node. The default value for this field is 0h.
3−0
maxATReqRetries
RW
This field tells the asynchronous transmit DMA request unit how many times to attempt to retry the
transmit operation for the response packet when a busy acknowledge or ack_data_error is
received from the target node. The default value for this field is 0h.
8.4
CSR Data Register
The CSR data register accesses the bus management CSR registers from the host through compare-swap
operations. This register contains the data to be stored in a CSR if the compare is successful.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
CSR data
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CSR data
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
CSR data
Offset:
0Ch
Type:
Read-only
Default:
XXXX XXXXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com