Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 182 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 182 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 178Page - Texas Instruments PCI7421 Datasheet HTML 179Page - Texas Instruments PCI7421 Datasheet HTML 180Page - Texas Instruments PCI7421 Datasheet HTML 181Page - Texas Instruments PCI7421 Datasheet HTML 182Page - Texas Instruments PCI7421 Datasheet HTML 183Page - Texas Instruments PCI7421 Datasheet HTML 184Page - Texas Instruments PCI7421 Datasheet HTML 185Page - Texas Instruments PCI7421 Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 298 page
background image
8−2
Table 8−1. OHCI Register Map (Continued)
DMA CONTEXT
REGISTER NAME
ABBREVIATION
OFFSET
Self-ID
Reserved
—
60h
Self-ID buffer pointer
SelfIDBuffer
64h
Self-ID count
SelfIDCount
68h
Reserved
—
6Ch
—
Isochronous receive channel mask high
IRChannelMaskHiSet
70h
Isochronous receive channel mask high
IRChannelMaskHiClear
74h
Isochronous receive channel mask low
IRChannelMaskLoSet
78h
Isochronous receive channel mask low
IRChannelMaskLoClear
7Ch
Interrupt event
IntEventSet
80h
Interrupt event
IntEventClear
84h
Interrupt mask
IntMaskSet
88h
Interrupt mask
IntMaskClear
8Ch
Isochronous transmit interrupt event
IsoXmitIntEventSet
90h
Isochronous transmit interrupt event
IsoXmitIntEventClear
94h
Isochronous transmit interrupt mask
IsoXmitIntMaskSet
98h
Isochronous transmit interrupt mask
IsoXmitIntMaskClear
9Ch
—
Isochronous receive interrupt event
IsoRecvIntEventSet
A0h
Isochronous receive interrupt event
IsoRecvIntEventClear
A4h
Isochronous receive interrupt mask
IsoRecvIntMaskSet
A8h
Isochronous receive interrupt mask
IsoRecvIntMaskClear
ACh
Initial bandwidth available
InitialBandwidthAvailable
B0h
Initial channels available high
InitialChannelsAvailableHi
B4h
Initial channels available low
InitialChannelsAvailableLo
B8h
Reserved
—
BCh−D8h
Fairness control
FairnessControl
DCh
Link control ‡
LinkControlSet
E0h
Link control ‡
LinkControlClear
E4h
Node identification
NodeID
E8h
PHY layer control
PhyControl
ECh
Isochronous cycle timer
Isocyctimer
F0h
Reserved
—
F4h−FCh
Asynchronous request filter high
AsyncRequestFilterHiSet
100h
Asynchronous request filter high
AsyncRequestFilterHiClear
104h
Asynchronous request filter low
AsyncRequestFilterLoSet
108h
Asynchronous request filter low
AsyncRequestFilterLoClear
10Ch
Physical request filter high
PhysicalRequestFilterHiSet
110h
Physical request filter high
PhysicalRequestFilterHiClear
114h
Physical request filter low
PhysicalRequestFilterLoSet
118h
Physical request filter low
PhysicalRequestFilterLoClear
11Ch
Physical upper bound
PhysicalUpperBound
120h
Reserved
—
124h−17Ch
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com