Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 185 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 185 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 181Page - Texas Instruments PCI7421 Datasheet HTML 182Page - Texas Instruments PCI7421 Datasheet HTML 183Page - Texas Instruments PCI7421 Datasheet HTML 184Page - Texas Instruments PCI7421 Datasheet HTML 185Page - Texas Instruments PCI7421 Datasheet HTML 186Page - Texas Instruments PCI7421 Datasheet HTML 187Page - Texas Instruments PCI7421 Datasheet HTML 188Page - Texas Instruments PCI7421 Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 298 page
background image
8−5
8.2
GUID ROM Register
The GUID ROM register accesses the serial EEPROM, and is only applicable if bit 24 (GUID_ROM) in the OHCI
version register at OHCI offset 00h (see Section 8.1) is set to 1. See Table 8−3 for a complete description of the
register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
GUID ROM
Type
RSU
R
R
R
R
R
RSU
R
RU
RU
RU
RU
RU
RU
RU
RU
Default
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
GUID ROM
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
GUID ROM
Offset:
04h
Type:
Read/Set/Update, Read/Update, Read-only
Default:
00XX 0000h
Table 8−3. GUID ROM Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
addrReset
RSU
Software sets bit 31 to 1 to reset the GUID ROM address to 0. When the PCI7x21/PCI7x11 controller
completes the reset, it clears this bit. The PCI7x21/PCI7x11 controller does not automatically fill bits
23−16 (rdData field) with the 0th byte.
30−26
RSVD
R
Reserved. Bits 30−26 return 0s when read.
25
rdStart
RSU
A read of the currently addressed byte is started when bit 25 is set to 1. This bit is automatically cleared
when the PCI7x21/PCI7x11 controller completes the read of the currently addressed GUID ROM byte.
24
RSVD
R
Reserved. Bit 24 returns 0 when read.
23−16
rdData
RU
This field contains the data read from the GUID ROM.
15−8
RSVD
R
Reserved. Bits 15−8 return 0s when read.
7−0
miniROM
R
The miniROM field defaults to 00h indicating that no mini-ROM is implemented. If an EEPROM is
implemented, then all 8 bits of this miniROM field are downloaded from EEPROM word offset 28h. For
this device, the miniROM field must be greater than ??h to indicate a valid miniROM offset into the
EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com