Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 201 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 201 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 197Page - Texas Instruments PCI7421 Datasheet HTML 198Page - Texas Instruments PCI7421 Datasheet HTML 199Page - Texas Instruments PCI7421 Datasheet HTML 200Page - Texas Instruments PCI7421 Datasheet HTML 201Page - Texas Instruments PCI7421 Datasheet HTML 202Page - Texas Instruments PCI7421 Datasheet HTML 203Page - Texas Instruments PCI7421 Datasheet HTML 204Page - Texas Instruments PCI7421 Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 298 page
background image
8−21
Table 8−16. Interrupt Mask Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
18
regAccessFail
RSC
When this bit and bit 18 (regAccessFail) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this register-access-failed interrupt mask enables interrupt generation.
17
busReset
RSC
When this bit and bit 17 (busReset) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this bus-reset interrupt mask enables interrupt generation.
16
selfIDcomplete
RSC
When this bit and bit 16 (selfIDcomplete) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this self-ID-complete interrupt mask enables interrupt generation.
15
selfIDcomplete2
RSC
When this bit and bit 15 (selfIDcomplete2) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this second-self-ID-complete interrupt mask enables interrupt generation.
14−10
RSVD
R
Reserved. Bits 14−10 return 0s when read.
9
lockRespErr
RSC
When this bit and bit 9 (lockRespErr) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this lock-response-error interrupt mask enables interrupt generation.
8
postedWriteErr
RSC
When this bit and bit 8 (postedWriteErr) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this posted-write-error interrupt mask enables interrupt generation.
7
isochRx
RSC
When this bit and bit 7 (isochRx) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this isochronous-receive-DMA interrupt mask enables interrupt generation.
6
isochTx
RSC
When this bit and bit 6 (isochTx) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this isochronous-transmit-DMA interrupt mask enables interrupt generation.
5
RSPkt
RSC
When this bit and bit 5 (RSPkt) in the interrupt event register at OHCI offset 80h/84h (see Section 8.21)
are set to 1, this receive-response-packet interrupt mask enables interrupt generation.
4
RQPkt
RSC
When this bit and bit 4 (RQPkt) in the interrupt event register at OHCI offset 80h/84h (see Section 8.21)
are set to 1, this receive-request-packet interrupt mask enables interrupt generation.
3
ARRS
RSC
When this bit and bit 3 (ARRS) in the interrupt event register at OHCI offset 80h/84h (see Section 8.21)
are set to 1, this asynchronous-receive-response-DMA interrupt mask enables interrupt generation.
2
ARRQ
RSC
When this bit and bit 2 (ARRQ) in the interrupt event register at OHCI offset 80h/84h (see Section 8.21)
are set to 1, this asynchronous-receive-request-DMA interrupt mask enables interrupt generation.
1
respTxComplete
RSC
When this bit and bit 1 (respTxComplete) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this response-transmit-complete interrupt mask enables interrupt
generation.
0
reqTxComplete
RSC
When this bit and bit 0 (reqTxComplete) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this request-transmit-complete interrupt mask enables interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com