Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 228 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 228 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 224Page - Texas Instruments PCI7421 Datasheet HTML 225Page - Texas Instruments PCI7421 Datasheet HTML 226Page - Texas Instruments PCI7421 Datasheet HTML 227Page - Texas Instruments PCI7421 Datasheet HTML 228Page - Texas Instruments PCI7421 Datasheet HTML 229Page - Texas Instruments PCI7421 Datasheet HTML 230Page - Texas Instruments PCI7421 Datasheet HTML 231Page - Texas Instruments PCI7421 Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 298 page
background image
9−4
9.4
Link Enhancement Register
This register is a memory-mapped set/clear register that is an alias of the link enhancement control register at PCI
offset F4h. These bits may be initialized by software. Some of the bits may also be initialized by a serial EEPROM,
if one is present, as noted in the bit descriptions below. If the bits are to be initialized by software, then the bits must
be initialized prior to setting bit 19 (LPS) in the host controller control register at OHCI offset 50h/54h (see
Section 8.16). See Table 9−3 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Link enhancement
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Link enhancement
Type
RSC
R
RSC
RSC
R
RSC
R
RSC
RSC
R
R
R
R
R
RSC
R
Default
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Link enhancement
Offset:
A88h
set register
A8Ch
clear register
Type:
Read/Set/Clear, Read-only
Default:
0000 0000h
Table 9−3. Link Enhancement Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−16
RSVD
R
Reserved. Bits 31−16 return 0s when read.
15 ‡
dis_at_pipeline
RW
Disable AT pipelining. When bit 15 is set to 1, out-of-order AT pipelining is disabled. The default value for this
bit is 0.
14 ‡
RSVD
R
Reserved. Bit 14 defaults to 0 and must remain 0 for normal operation of the OHCI core.
13−12
‡
atx_thresh
RW
This field sets the initial AT threshold value, which is used until the AT FIFO is underrun. When the
PCI7x21/PCI7x11 controller retries the packet, it uses a 2K-byte threshold, resulting in a store-and-forward
operation.
00 = Threshold ~ 2K bytes resulting in a store-and-forward operation
01 = Threshold ~ 1.7K bytes (default)
10 = Threshold ~ 1K bytes
11 = Threshold ~ 512 bytes
These bits fine-tune the asynchronous transmit threshold. For most applications the 1.7K-byte threshold is
optimal. Changing this value may increase or decrease the 1394 latency depending on the average PCI bus
latency.
Setting the AT threshold to 1.7K, 1K, or 512 bytes results in data being transmitted at these thresholds or
when an entire packet has been checked into the FIFO. If the packet to be transmitted is larger than the AT
threshold, then the remaining data must be received before the AT FIFO is emptied; otherwise, an underrun
condition occurs, resulting in a packet error at the receiving node. As a result, the link then commences a
store-and-forward operation. It waits until it has the complete packet in the FIFO before retransmitting it on
the second attempt to ensure delivery.
An AT threshold of 2K results in a store-and-forward operation, which means that asynchronous data is not
transmitted until an end-of-packet token is received. Restated, setting the AT threshold to 2K results in only
complete packets being transmitted.
Note that this controller always uses a store-and-forward operation when the asynchronous transmit retries
register at OHCI offset 08h (see Section 8.3) is cleared.
11
RSVD
R
Reserved. Bit 11 returns 0 when read.
10 ‡
enab_mpeg_ts
RW
Enable MPEG CIP timestamp enhancement. When bit 9 is set to 1, the enhancement is enabled for MPEG
CIP transmit streams (FMT = 20h). The default value for this bit is 0.
‡ This bit is cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com