Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 231 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 231 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 227Page - Texas Instruments PCI7421 Datasheet HTML 228Page - Texas Instruments PCI7421 Datasheet HTML 229Page - Texas Instruments PCI7421 Datasheet HTML 230Page - Texas Instruments PCI7421 Datasheet HTML 231Page - Texas Instruments PCI7421 Datasheet HTML 232Page - Texas Instruments PCI7421 Datasheet HTML 233Page - Texas Instruments PCI7421 Datasheet HTML 234Page - Texas Instruments PCI7421 Datasheet HTML 235Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 298 page
background image
10−1
10 PHY Register Configuration
There are 16 accessible internal registers in the PCI7x21/PCI7x11 controller. The configuration of the registers at
addresses 0h through 7h (the base registers) is fixed, whereas the configuration of the registers at addresses 8h
through Fh (the paged registers) is dependent upon which one of eight pages, numbered 0h through 7h, is currently
selected. The selected page is set in base register 7h.
10.1 Base Registers
Table 10−1 shows the configuration of the base registers, and Table 10−2 shows the corresponding field descriptions.
The base register field definitions are unaffected by the selected page number.
A reserved register or register field (marked as Reserved in the following register configuration tables) is read as 0,
but is subject to future usage. All registers in address pages 2 through 6 are reserved.
Table 10−1. Base Register Configuration
ADDRESS
BIT POSITION
ADDRESS
0
1
2
3
4
5
6
7
0000
Physical ID
R
CPS
0001
RHB
IBR
Gap_Count
0010
Extended (111b)
Reserved
Total_Ports (0010b)
0011
Max_Speed (010b)
Reserved
Delay (0000b)
0100
LCtrl
C
Jitter (000b)
Pwr_Class
0101
Watchdog
ISBR
Loop
Pwr_fail
Timeout
Port_event
Enab_accel
Enab_multi
0110
Reserved
0111
Page_Select
Reserved
Port_Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com